Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 11 Page - SPANSION

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL802C Datasheet(HTML) 11 Page - SPANSION

Back Button AM29BL802C Datasheet HTML 7Page - SPANSION AM29BL802C Datasheet HTML 8Page - SPANSION AM29BL802C Datasheet HTML 9Page - SPANSION AM29BL802C Datasheet HTML 10Page - SPANSION AM29BL802C Datasheet HTML 11Page - SPANSION AM29BL802C Datasheet HTML 12Page - SPANSION AM29BL802C Datasheet HTML 13Page - SPANSION AM29BL802C Datasheet HTML 14Page - SPANSION AM29BL802C Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
10
Am29BL802C Known Good Die
SU PP L E ME NT
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.s
Am29BL802C
B
80R
DP
E
1
DIE REVISION
This number refers to the specific AMD manufacturing process and
product technology reflected in this document. It is entered in the
revision field of AMD standard product nomenclature.
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
H
=
Super Extended (–55
°C to +145°C)
PACKAGE TYPE AND
MINIMUM ORDER QUANTITY
DP
=
Waffle Pack
125 die per 5 tray stack
DG
=
Gel-Pak® Die Tray
336 die per 6 tray stack
DT
=
Surftape™ (Tape and Reel)
1600 per 7-inch reel
DW
=
Gel-Pak® Wafer Tray (sawn wafer on frame)
Call AMD sales office for minimum order quantity
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
B
=
Bottom boot sector
DEVICE NUMBER/DESCRIPTION
Am29BL802C Known Good Die
8 Megabit (512 K x 16-Bit) CMOS Flash Memory—Die Revision 1
3.0 Volt-only Program and Erase
Valid Combinations
AM29BL802CB-80R
(30 pF loading)
DPI 1, DPE 1, DPH 1
DGI 1, DGE 1, DGH 1
DTI 1, DTE 1, DTH 1
DWI 1, DWE 1, DWH 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com