Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 14 Page - SPANSION

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL802C Datasheet(HTML) 14 Page - SPANSION

Back Button AM29BL802C Datasheet HTML 9Page - SPANSION AM29BL802C Datasheet HTML 10Page - SPANSION AM29BL802C Datasheet HTML 11Page - SPANSION AM29BL802C Datasheet HTML 12Page - SPANSION AM29BL802C Datasheet HTML 13Page - SPANSION AM29BL802C Datasheet HTML 14Page - SPANSION AM29BL802C Datasheet HTML 15Page - SPANSION AM29BL802C Datasheet HTML 16Page - SPANSION AM29BL802C Datasheet HTML 17Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SU PP L E ME NT
Am29BL802C Known Good Die
13
PHYSICAL SPECIFICATIONS
Die dimensions . . . . . . . . . . . 269.7 mils x 214.2 mils
. . . . . . . . . . . . . . . . . . . . . . . . . . 6.85 mm x 5.44 mm
Die Thickness . . . . . . . . . . . . . . . . . . . . . . . . .500 µm
Bond Pad Size . . . . . . . . . . . . . . 3.74 mils x 3.74 mils
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95 µm x 95 µm
Pad Area Free of Passivation . . . . . . . . . .13.99 mils2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9,025 µm2
Pads Per Die . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51
Bond Pad Metalization . . . . . . . . . . . . . . . . . . . . Al/Cu
Die Backside . . . . . . . . . . . . . . . . . . . . . . . . No metal,
may be grounded (optional)
Passivation. . . . . . . . . . . . . . . . . . Nitride/SOG/Nitride
DC OPERATING CONDITIONS
VCC (Supply Voltage) . . . . . . . . . . . . . . . 3.0 V to 3.6 V
Operating Temperature
Industrial . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Super Extended . . . . . . . . . . . . –55
°C to +145°C
MANUFACTURING INFORMATION
Manufacturing . . . . . . . . . . . . . . . . . . . . . . . . . . . FASL
Wafer Sort Test . . . . . . . . . . . . Sunnyvale, CA, USA,
. . . . . . . . . . . . . . . . . . . . . . . . and Penang, Malaysia
Manufacturing ID (Bottom Boot) . . . . . . . . . . . . 98H11
Preparation for Shipment . . . . . . . . Penang, Malaysia
Fabrication Process . . . . . . . . . . . . . . . . . . . CS39LS
Die Revision . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
SPECIAL HANDLING INSTRUCTIONS
Processing
Do not expose KGD products to ultraviolet light or
process them at temperatures greater than 250
°C.
Failure to adhere to these handling instructions will
result in irreparable damage to the devices. For best
yield, AMD recommends assembly in a Class 10K
clean room with 30% to 60% relative humidity.
Storage
Store at a maximum temperature of 30
°C in a nitrogen-
purged cabinet or vacuum-sealed bag. Observe all
standard ESD handling procedures.
DC PARAMETER EXCEPTIONS
The following specifications replace those given in the Am29BL802 data sheet (publication number 22371):
Notes:
3. Maximum ICC specifications are tested with VCC = VCCmax.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns.
Parameter
Description
Test Conditions
Typ
Max
Unit
ICC3
VCC Standby Current (Note 3)
CE#, RESET# = VCC±0.3 V
22
35
µA
ICC4
VCC Standby Current During Reset
(Note 3)
RESET# = VSS ± 0.3 V
22
35
µA
ICC5
Automatic Sleep Mode
(Notes 3, 4)
VIH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V
OE# = VIH
30
50
µA
OE# = VIL
30
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com