Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 13 Page - SPANSION

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL802C Datasheet(HTML) 13 Page - SPANSION

Back Button AM29BL802C Datasheet HTML 9Page - SPANSION AM29BL802C Datasheet HTML 10Page - SPANSION AM29BL802C Datasheet HTML 11Page - SPANSION AM29BL802C Datasheet HTML 12Page - SPANSION AM29BL802C Datasheet HTML 13Page - SPANSION AM29BL802C Datasheet HTML 14Page - SPANSION AM29BL802C Datasheet HTML 15Page - SPANSION AM29BL802C Datasheet HTML 16Page - SPANSION AM29BL802C Datasheet HTML 17Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
12
Am29BL802C Known Good Die
SU PP L E ME NT
PRODUCT TEST FLOW
Figure 1 provides an overview of AMD’s Known Good
Die test flow. For more detailed information, refer to the
Am29BL802C product qualification database supple-
ment for KGD. AMD implements quality assurance pro-
cedures throughout the product test flow. In addition,
an off-line quality monitoring program (QMP) further
guarantees AMD quality standards are met on Known
Good Die products. These QA procedures also allow
AMD to produce KGD products without requiring or
implementing burn-in.
Figure 1.
AMD KGD Product Test Flow
Wafer Sort 1
Bake
24 hours at 250
°C
Wafer Sort 2
Wafer Sort 3
High Temperature
Packaging for Shipment
Shipment
DC Parameters
Functionality
Programmability
Erasability
Data Retention
DC Parameters
Functionality
Programmability
Erasability
DC Parameters
Functionality
Programmability
Erasability
Speed
Incoming Inspection
Wafer Saw
Die Separation
100% Visual Inspection
Die Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com