Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 9 Page - SPANSION

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL802C Datasheet(HTML) 9 Page - SPANSION

Back Button AM29BL802C Datasheet HTML 5Page - SPANSION AM29BL802C Datasheet HTML 6Page - SPANSION AM29BL802C Datasheet HTML 7Page - SPANSION AM29BL802C Datasheet HTML 8Page - SPANSION AM29BL802C Datasheet HTML 9Page - SPANSION AM29BL802C Datasheet HTML 10Page - SPANSION AM29BL802C Datasheet HTML 11Page - SPANSION AM29BL802C Datasheet HTML 12Page - SPANSION AM29BL802C Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
8
Am29BL802C Known Good Die
SU PP L E ME NT
PAD DESCRIPTION
Pads relative to die center.
Note: The coordinates above are relative to the die center and can be used to operate wire bonding equipment.
Pad
Signal
Pad Center (mils)
Pad Center
(millimeters)
XYXY
1WE#
–3.11
98.18
–0.0790
2.4938
2
RESET#
–13.41
98.18
–0.3406
2.4938
3
RY/BY#
–23.34
98.18
–0.5929
2.4938
4A18
–33.39
98.18
–0.8482
2.4938
5A17
–43.44
98.18
–1.1034
2.4938
6A7
–53.49
98.18
–1.3587
2.4938
7A6
–63.54
98.18
–1.6140
2.4938
8A5
–73.59
98.18
–1.8692
2.4938
9A4
–83.64
98.18
–2.1245
2.4938
10
A3
–93.69
98.18
–2.3798
2.4938
11
A2
–102.32
98.18
–2.5988
2.4938
12
A1
–110.94
98.18
–2.8179
2.4938
13
A0
–119.57
98.18
–3.0370
2.4938
14
CE#
–128.19
98.18
–3.2560
2.4938
15
VSS
–128.19
–94.14
–3.2560
–2.3912
16
OE#
–114.94
–94.14
–2.9194
–2.3912
17
DQ0
–106.36
–94.14
–2.7015
–2.3912
18
DQ8
–96.72
–94.14
–2.4566
–2.3912
19
DQ1
–88.15
–94.14
–2.2391
–2.3912
20
DQ9
–78.51
–94.14
–1.9941
–2.3912
21
DQ2
–69.94
–94.14
–1.7766
–2.3912
22
DQ10
–60.30
–94.14
–1.5317
–2.3912
23
DQ3
–51.74
–94.14
–1.3141
–2.3912
24
DQ11
–42.10
–94.14
–1.0692
–2.3912
25
VSS
–34.48
–94.14
–0.8758
–2.3912
Pad
Signal
Pad Center (mils)
Pad Center
(millimeters)
XYXY
26
CLK
–24.43
–94.14
–0.6205
–2.3912
27
BAA#
–14.38
–94.14
–0.3653
–2.3912
28
IND#
25.76
–94.14
0.6543
–2.3912
29
VCC
42.04
–94.14
1.0678
–2.3912
30
VCC
50.19
–94.14
1.2749
–2.3912
31
DQ4
57.06
–94.14
1.4493
–2.3912
32
DQ12
66.70
–94.14
1.6942
–2.3912
33
DQ5
75.27
–94.14
1.9118
–2.3912
34
DQ13
84.91
–94.14
2.1567
–2.3912
35
DQ6
93.47
–94.14
2.3742
–2.3912
36
DQ14
103.12
–94.14
2.6192
–2.3912
37
DQ7
111.68
–94.14
2.8367
–2.3912
38
DQ15
121.32
–94.14
3.0816
–2.3912
39
VSS
128.19
–94.14
3.2560
–2.3912
40
NC
128.19
98.18
3.2560
2.4938
41
A16
119.57
98.18
3.0370
2.4938
42
A15
110.94
98.18
2.8179
2.4938
43
A14
102.32
98.18
2.5988
2.4938
44
A13
93.69
98.18
2.3798
2.4938
45
A12
83.64
98.18
2.1245
2.4938
46
A11
73.59
98.18
1.8692
2.4938
47
A10
63.54
98.18
1.6140
2.4938
48
A9
53.49
98.18
1.3587
2.4938
49
A8
43.20
98.18
1.0972
2.4938
50
VCC
23.10
98.18
0.5866
2.4938
51
LBA#
14.94
98.18
0.3795
2.4938



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com