Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 10 Page - SPANSION

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL802C Datasheet(HTML) 10 Page - SPANSION

Back Button AM29BL802C Datasheet HTML 6Page - SPANSION AM29BL802C Datasheet HTML 7Page - SPANSION AM29BL802C Datasheet HTML 8Page - SPANSION AM29BL802C Datasheet HTML 9Page - SPANSION AM29BL802C Datasheet HTML 10Page - SPANSION AM29BL802C Datasheet HTML 11Page - SPANSION AM29BL802C Datasheet HTML 12Page - SPANSION AM29BL802C Datasheet HTML 13Page - SPANSION AM29BL802C Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SU PP L E ME NT
Am29BL802C Known Good Die
9
PAD DESCRIPTION
Pads relative to VCC.
Note: The coordinates above are relative to the VCC location and can be used to operate wire bonding equipment.
Pad
Signal
Pad Center (mils)
Pad Center
(millimeters)
XYXY
1WE#
–26.21
0.00
–0.6656
0.0000
2
RESET#
–36.51
0.00
–0.9272
0.0000
3
RY/BY#
–46.44
0.00
–1.1795
0.0000
4A18
–56.49
0.00
–1.4348
0.0000
5A17
–66.54
0.00
–1.6900
0.0000
6A7
–76.59
0.00
–1.9453
0.0000
7A6
–86.64
0.00
–2.2006
0.0000
8A5
–96.69
0.00
–2.4558
0.0000
9A4
–106.74
0.00
–2.7111
0.0000
10
A3
–116.79
0.00
–2.9664
0.0000
11
A2
–125.42
0.00
–3.1854
0.0000
12
A1
–134.04
0.00
–3.4045
0.0000
13
A0
–142.67
0.00
–3.6236
0.0000
14
CE#
–151.29
0.00
–3.8426
0.0000
15
VSS
–151.29
–192.32
–3.8426
–4.8850
16
OE#
–138.04
–192.32
–3.5060
–4.8850
17
DQ0
–129.46
–192.32
–3.2881
–4.8850
18
DQ8
–119.82
–192.32
–3.0432
–4.8850
19
DQ1
–111.25
–192.32
–2.8257
–4.8850
20
DQ9
–101.61
–192.32
–2.5807
–4.8850
21
DQ2
–93.04
–192.32
–2.3632
–4.8850
22
DQ10
–83.40
–192.32
–2.1183
–4.8850
23
DQ3
–74.84
–192.32
–1.9007
–4.8850
24
DQ11
–65.20
–192.32
–1.6558
–4.8850
25
VSS
–57.58
–192.32
–1.4624
–4.8850
Pad
Signal
Pad Center (mils)
Pad Center
(millimeters)
XYXY
26
CLK
–47.53
–192.32
–1.2071
–4.8850
27
BAA#
–37.48
–192.32
–0.9519
–4.8850
28
IND#
2.66
–192.32
0.0677
–4.8850
29
VCC
18.94
–192.32
0.4812
–4.8850
30
VCC
27.09
–192.32
0.6883
–4.8850
31
DQ4
33.96
–192.32
0.8627
–4.8850
32
DQ12
43.60
–192.32
1.1076
–4.8850
33
DQ5
52.17
–192.32
1.3252
–4.8850
34
DQ13
61.81
–192.32
1.5701
–4.8850
35
DQ6
70.37
–192.32
1.7876
–4.8850
36
DQ14
80.02
–192.32
2.0326
s–4.8850
37
DQ7
88.58
–192.32
2.2501
–4.8850
38
DQ15
98.22
–192.32
2.4950
–4.8850
39
VSS
105.09
–192.32
2.6694
–4.8850
40
NC
105.09
0.00
2.6694
0.0000
41
A16
96.47
0.00
2.4504
0.0000
42
A15
87.84
0.00
2.2313
0.0000
43
A14
79.22
0.00
2.0122
0.0000
44
A13
70.59
0.00
1.7932
0.0000
45
A12
60.54
0.00
1.5379
0.0000
46
A11
50.49
0.00
1.2826
0.0000
47
A10
40.44
0.00
1.0274
0.0000
48
A9
30.39
0.00
0.7721
0.0000
49
A8
20.10
0.00
0.5106
0.0000
50
VCC
0.00
0.00
0.0000
0.0000
51
LBA#
–8.16
0.00
–0.2071
0.0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com