Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I-HT Datasheet(PDF) 20 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 20 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 16Page - SMSC Corporation COM20022I-HT Datasheet HTML 17Page - SMSC Corporation COM20022I-HT Datasheet HTML 18Page - SMSC Corporation COM20022I-HT Datasheet HTML 19Page - SMSC Corporation COM20022I-HT Datasheet HTML 20Page - SMSC Corporation COM20022I-HT Datasheet HTML 21Page - SMSC Corporation COM20022I-HT Datasheet HTML 22Page - SMSC Corporation COM20022I-HT Datasheet HTML 23Page - SMSC Corporation COM20022I-HT Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 20
SMSC COM20022I
DATASHEET
only or by either internal or external TC. ITCEN is for Non-Burst or Burst mode. RTRG selects the re-
trigger mode as either external or internal. It is for the two Programmable-Burst modes.
The TC8/RSYN/GTTM bit has one of three functions, depending on the DMA transfer mode selected. TC8
is bit 8 of the Terminal Count. It is the MSB of the 9 bit Terminal Count setting register (the other 8 bits are
in the DMA Count register). TC8 is for Non-Burst or Burst mode. RSYN is the Refresh Synchronous bit.
This bit is used to select whether the DMA is started immediately or after Refresh execution. GTTM is the
Gate Time bit. This bit selects whether the Gate Time is 350nS (min) or 750nS (min). RSYN and GTTM
are for the two Programmable-Burst modes. RSYN is for External Re-Trigger mode; GTTM is for internal
Re-Trigger mode.
Located in the DMA Count Register, the TC7-TC0 /TIM7-TIM0 /CYC7-CYC0 bits have one of three
functions depending on the DMA transfer mode. TC7-TC0 are for non-burst or burst mode. These are the
lower 8 bits of the Terminal Count setting register (the MSB is in the Bus Control Register). The TIM7-
TIM0 bits are for setting the time of the continuous DMA transfer in Programmable-Burst by Timer mode.
The CYC7-CYC0 bits are for setting the time of the continuous DMA transfer in Programmable-Burst by
Cycle mode.
5.1.3
DMA Operation
The DMA interface operates in one of four transfer modes: Non-Burst, Burst, Programmable-Burst (by
timer) and Programmable-Burst (by cycle counter). The data transfer mode of the DMA is selected through
the DMAMD[1,0] bits in the Bus Control register, bits [3,2]. These modes are described below.
Non-Burst mode is a Single Transfer mode wherein, the DREQ pin is asserted after writing the Address
Pointer Low Register when DMAEN=1.
Actually, DREQ pin is asserted 4TARB time after writing the
Address Pointer Low Register when DMAEN = 1 (refer to Figure 5.3). This mode operates as follows:
1.
The nDACK pin is asserted by the DMA Controller detecting the DREQ pin asserted.
2.
The DREQ pin is deasserted by the COM20022I detecting the nDACK pin asserted.
3.
The nDACK pin is deasserted by the DMA Controller detecting the DREQ pin deasserted after
executing the present read or write cycle.
4.
The DREQ pin is asserted by the COM20022I detecting the DACK pin deasserted.
Repeat above 4 steps until the TC pin goes active. This mode is called "Cycle steal mode".
Burst mode is a Demand Transfer mode. In this mode, the DREQ pin is asserted after writing the Address
Pointer Low Register when DMAEN=1. Actually, DREQ pin is asserted 4TARB time after writing the
Address Pointer Low Register when DMAEN = 1 (refer to Figure 5.3). The DACK pin is asserted by the
DMA Controller detecting the DREQ pin asserted. The DREQ pin stays asserted until the TC pin goes
High.
Programmable-Burst mode is a Demand Transfer mode with temporary DREQ deassertion for a Refresh
cycle. The DREQ pin is asserted after writing the Address Pointer Low Register when DMAEN=1 (refer to
Figure 5.3). The DACK pin is asserted by the DMA Controller detecting the DREQ pin asserted. If the
continuous DMA operation time is longer than the set Refresh period, then DREQ is deasserted. The
DREQ is held deasserted after negating nDACK for the Gate time. After the Gate time, the DREQ pin is
asserted again. The DREQ pin stays asserted until the TC pin goes High. In Programmable-Burst mode,
the gating can be by timer or by cycle counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com