Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I-HT Datasheet(PDF) 32 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 32 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 28Page - SMSC Corporation COM20022I-HT Datasheet HTML 29Page - SMSC Corporation COM20022I-HT Datasheet HTML 30Page - SMSC Corporation COM20022I-HT Datasheet HTML 31Page - SMSC Corporation COM20022I-HT Datasheet HTML 32Page - SMSC Corporation COM20022I-HT Datasheet HTML 33Page - SMSC Corporation COM20022I-HT Datasheet HTML 34Page - SMSC Corporation COM20022I-HT Datasheet HTML 35Page - SMSC Corporation COM20022I-HT Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 32
SMSC COM20022I
DATASHEET
Table 6.2 - Write Register Summary
ADDR
MSB
WRITE
LSB
REGISTER
00
RI/TR1
0
0
DMA
END
EXCNAK
RECON
NEW
NEXTID
TA/
TTA
INTERRUPT
MASK
01
C7
C6
C5
C4
C3
C2
C1
C0
COMMAND
02
RD-
DATA
AUTO-
INC
0
0
DMAEN
A10
A9
A8
ADDRESS
PTR HIGH
03
A7
A6
A5
A4
A3
A2
A1
A0/
SWAP
ADDRESS
PTR LOW
04
D7
D6
D5
D4
D3
D2
D1
D0
DATA*
05
(R/W)*
0
0
0
(R/W)*
SUB-
AD2
SUB-
AD1
SUB-
AD0
SUBADR
06
RESET
CCHEN
TXEN
ET1
ET2
BACK-
PLANE
SUB-
AD1
SUB-
AD0
CONFIG-
URATION
07-0
TID7
TID6
TID5
TID4
TID3
TID2
TID1
TID0
TENTID
07-1
NID7
NID6
NID5
NID4
NID3
NID2
NID1
NID0
NODEID
07-2
P1-
MODE
FOUR
NAKS
0
RCV-
ALL
CKP3
CKP2
CKP1
SLOW-
ARB
SETUP1
07-3
0
0
0
0
0
0
0
0
TEST
07-4
RBUS-
TMG
0
CKUP1
CKUP0
EF
NO-
SYNC
RCN-
TM1
RCN-
TM0
SETUP2
07-5
W16
0
ITCEN/
RTRG
TC8/
RSYN/
GTTM
DMA-
MD1
DMA-
MD0
TC-
POL
DRQ-
POL
BUS
CONTROL
07-6
TC7/
TIM7/
CYC7
TC6/
TIM6/
CYC6
TC5/
TIM5/
CYC5
TC4/
TIM4/
CYC4
TC3/
TIM3/
CYC3
TC2/
TIM2/
CYC2
TC1/
TIM1/
CYC1
TC0/
TIM0/
CYC0
DMA COUNT
Note*:
This bit can be written and read.
*DATA REGISTER AT 16 BIT ACCESS
REGISTER
BIT
15
BIT
14
BIT
13
BIT
12
BIT
11
BIT
10
BIT
9
BIT
8
BIT
7
BIT
6
BIT
5
BIT
4
BIT
3
BIT
2
BIT
1
BIT
0
ADDR
DATA
D
15
D
14
D
13
D
12
D
11
D
10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
04
6.2
Internal Registers
The COM20022I contains 16 internal registers. Table 6.1 and Table 6.2 illustrate the COM20022I register
map. All undefined bits are read as undefined and must be written as logic "0".
6.2.1
Interrupt Mask Register (IMR)
The COM20022I is capable of generating an interrupt signal when certain status bits become true. A write
to the IMR specifies which status bits will be enabled to generate an interrupt. The bit positions in the IMR
are in the same position as their corresponding status bits in the Status Register and Diagnostic Status
Register. A logic "1" in a particular position enables the corresponding interrupt. The Status bits capable of
generating an interrupt include the Receiver Inhibited bit, DMAEND bit (new to the COM20022I), New Next



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com