Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I-HT Datasheet(PDF) 68 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 68 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 64Page - SMSC Corporation COM20022I-HT Datasheet HTML 65Page - SMSC Corporation COM20022I-HT Datasheet HTML 66Page - SMSC Corporation COM20022I-HT Datasheet HTML 67Page - SMSC Corporation COM20022I-HT Datasheet HTML 68Page - SMSC Corporation COM20022I-HT Datasheet HTML 69Page - SMSC Corporation COM20022I-HT Datasheet HTML 70Page - SMSC Corporation COM20022I-HT Datasheet HTML 71Page - SMSC Corporation COM20022I-HT Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Revision 02-27-06
Page 68
SMSC COM20022I
DATASHEET
Figure 8.10 - Non-Multiplexed Bus, 80XX-Like Control Signals; Write Cycle
A0-A2
VALID DATA
VALID
D0-D15
nCS
t6
t1
t7
t3
t4
t2
Note 2
nWR
nRD
t10
t8
t9
t5
nIOCS16
VALID VALUE
t11
t12
t5**
Note 3
The Microcontroller typically accesses the COM20022 on every other cycle.
Therefore, the cycle time specified in the microcontroller's datasheet
should be doubled when considering back-to-back COM20022 cycles.
Note 1:
Any cycle occurring after a write to Address Pointer Low Register requires a
minimum of 4TARB from the trailing edge of nWR to the leading edge of the
next nWR.
Note 2:
**
Write cycle for Address Pointer Low Register occurring after a write to Data
Register requires a minimum of 5TARB from the trailing edge of nWR to the
leading edge of the next nWR.
Notes 2 and 3 are applied to an access to Data Register by DMA transfer.
Note 3:
Write cycle for Address Pointer Low Register occurring after a read from Data
Register requires a minimum of 5TARB from the trailing edge of nRD to the
leading edge of nWR.
TARB is the Arbitration Clock Period
TARB is identical to Topr if SLOW ARB = 0
*
TARB is twice Topr if SLOW ARB = 1
Topr is the period of operation clock. It depends on CKUP1 and CKUP0 bits
**** t11 is measured from the latest active (valid) timing among nCS, A0-A2.
t12 is measured from the earliest inactive (invalid) timing among nCS, A0-A2.
*****
Data Hold from nWR High
nWR Low Width
nWR High Width
nRD
to nWR Low
nIOCS16 Output Delay from nCS Low
nIOCS16 Hold Delay from nCS High
t1
t3
t5
t6
t7
t8
t9
t10
t11
t12
Parameter
Address Setup to nWR Active
nCS Setup to WR Active
Valid Data Setup to nWR High
min
0
0
10
65
30
20
max
4TARB
*
30
units
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
t4
nCS Hold from nWR Inactive
0
nS
t2
Address Hold from nWR Inactive
0
nS
Cycle Time (nWR
to Next
)
CASE 2: BUSTMG pin = LOW
0*****
40****
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com