Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I-HT Datasheet(PDF) 29 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 29 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 25Page - SMSC Corporation COM20022I-HT Datasheet HTML 26Page - SMSC Corporation COM20022I-HT Datasheet HTML 27Page - SMSC Corporation COM20022I-HT Datasheet HTML 28Page - SMSC Corporation COM20022I-HT Datasheet HTML 29Page - SMSC Corporation COM20022I-HT Datasheet HTML 30Page - SMSC Corporation COM20022I-HT Datasheet HTML 31Page - SMSC Corporation COM20022I-HT Datasheet HTML 32Page - SMSC Corporation COM20022I-HT Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 29
Revision 02-27-06
DATASHEET
Table 5.1 - Typical Media
CABLE TYPE
NOMINAL
IMPEDANCE
ATTENUATION PER 1000 FT.
AT 5 MHZ
RG-62 Belden #86262
93
Ω
5.5dB
RG-59/U Belden #89108
75
Ω
7.0dB
RG-11/U Belden #89108
75
Ω
5.5dB
IBM Type 1* Belden #89688
150
Ω
7.0dB
IBM Type 3* Telephone Twisted Pair Belden #1155A
100
Ω
17.9dB
COMCODE 26 AWG Twisted Pair Part #105-064-703
105
Ω
16.0dB
Note*:
Non-plenum-rated cables of this type are also available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com