Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I-HT Datasheet(PDF) 61 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 61 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 57Page - SMSC Corporation COM20022I-HT Datasheet HTML 58Page - SMSC Corporation COM20022I-HT Datasheet HTML 59Page - SMSC Corporation COM20022I-HT Datasheet HTML 60Page - SMSC Corporation COM20022I-HT Datasheet HTML 61Page - SMSC Corporation COM20022I-HT Datasheet HTML 62Page - SMSC Corporation COM20022I-HT Datasheet HTML 63Page - SMSC Corporation COM20022I-HT Datasheet HTML 64Page - SMSC Corporation COM20022I-HT Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 61
Revision 02-27-06
DATASHEET
Figure 8.3
- Multiplexed Bus, 68XX-Like Control Signals Write Cycle
AD0-AD2,
VALID
nCS
t1
t3
t8
ALE
VALID DATA
t2,
t6
t5
t4
t7
D3-D15
DIR
t9
t10
Note 2
t8**
nDS
t11
t12
t13
t14
t16
nIOCS16
Previous Value
Invalid
Valid Value
t15
Parameter
min
max
units
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
t14
t15
t16
20
10
10
10
15
10
4TARB
*
10
10
20
20
20
20
0
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
Address Setup to ALE Low
Address Hold from ALE Low
nCS Setup to ALE Low
nCS Hold from ALE Low
ALE Low to nDS Low
Valid Data Setup to nDS High
Data Hold from nDS High
DIR Setup to nDS Active
DIR Hold from nDS Inactive
30
MUST BE: BUSTMG pin = HIGH
ALE High Width
ALE Low Width
nDS Low Width
nDS High Width
nIOCS16 Hold Delay from ALE Low
nIOCS16 Output Delay from ALE Low
Cycle Time (nDS
to Next
)**
40
The Microcontroller typically accesses the COM20022 on every other cycle.
Therefore, the cycle time specified in the microcontroller's datasheet
should be doubled when considering back-to-back COM20022 cycles.
Note 1:
Any cycle occurring after a write to Address Pointer Low Register requires a
minimum of 4TARB from the trailing edge of nDS to the leading edge of the
next nDS.
Note 2:
**
TARB is the Arbitration Clock Period
TARB is identical to Topr if SLOW ARB = 0
*
TARB is twice Topr if SLOW ARB = 1
Topr is the period of operation clock. It depends on CKUP1 and CKUP0 bits
Write cycle for Address Pointer Low Register occurring after an access to
Data Register requires a minimum of 5TARB from the trailing edge of nDS to
the leading edge of the next nDS.
Note 2 is applied to an access to Data Register by DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com