Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I-HT Datasheet(PDF) 71 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 71 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 67Page - SMSC Corporation COM20022I-HT Datasheet HTML 68Page - SMSC Corporation COM20022I-HT Datasheet HTML 69Page - SMSC Corporation COM20022I-HT Datasheet HTML 70Page - SMSC Corporation COM20022I-HT Datasheet HTML 71Page - SMSC Corporation COM20022I-HT Datasheet HTML 72Page - SMSC Corporation COM20022I-HT Datasheet HTML 73Page - SMSC Corporation COM20022I-HT Datasheet HTML 74Page - SMSC Corporation COM20022I-HT Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 71
Revision 02-27-06
DATASHEET
Figure 8.13 - Normal Mode Transmit or Receive Timing
(These signals are to and from the hybrid)
nPULSE2
t1
t3
t7
t8
Parameter
nPULSE1, nPULSE2 Pulse Width
nPULSE1, nPULSE2 Overlap
RXIN Period
RXIN Inactive Pulse Width
min
100
-10
max
units
nS
nS
nPULSE1
t1
t6
RXIN Active Pulse Width
t2
t2
nPULSE1, nPULSE2 Period
nS
t1
t3
400
0
+10
typ
RXIN
t6
t7
10
400
nTXEN
nS
nS
t2
t4
t5
LAST BIT
(400 nS BIT TIME)
t4
nTXEN Low to nPULSE1 Low
850
950
nS
t5
Beginning of Last Bit Time to nTXEN High
250
350
nS
100
t8
20
nS
Note: Use Only 2.5 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com