Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I-HT Datasheet(PDF) 49 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 49 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 45Page - SMSC Corporation COM20022I-HT Datasheet HTML 46Page - SMSC Corporation COM20022I-HT Datasheet HTML 47Page - SMSC Corporation COM20022I-HT Datasheet HTML 48Page - SMSC Corporation COM20022I-HT Datasheet HTML 49Page - SMSC Corporation COM20022I-HT Datasheet HTML 50Page - SMSC Corporation COM20022I-HT Datasheet HTML 51Page - SMSC Corporation COM20022I-HT Datasheet HTML 52Page - SMSC Corporation COM20022I-HT Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 49
Revision 02-27-06
DATASHEET
SID
DID
COUNT = 256-N
NOT USED
DATA BYTE 1
DATA BYTE 2
DATA BYTE N-1
DATA BYTE N
NOT USED
SID
DID
0
COUNT = 512-N
NOT USED
DATA BYTE 1
DATA BYTE 2
DATA BYTE N-1
DATA BYTE N
SHORT PACKET
FORMAT
LONG PACKET
FORMAT
ADDRESS
ADDRESS
0
1
2
COUNT
255
511
N = DATA PACKET LENGTH
SID = SOURCE ID
DID = DESTINATION ID
(DID = 0 FOR BROADCASTS)
0
1
2
COUNT
511
3
Figure 6.3 - RAM Buffer Packet Configuration
6.6.2
Transmit Sequence
During a transmit sequence, the microcontroller selects a 256 or 512 byte segment of the RAM buffer and
writes into it. The appropriate buffer size is specified in the "Define Configuration" command. When long
packets are enabled, the COM20022I interprets the packet as either a long or short packet, depending on
whether the buffer address 2 contains a zero or non-zero value. The format of the buffer is shown in
Figure 5.7 Address 0 contains the Source Identifier (SID); Address 1 contains the Destination Identifier
(DID); Address 2 (COUNT) contains, for short packets, the value 256-N, where N represents the number
of information bytes in the message, or for long packets, the value 0, indicating that it is indeed a long
packet. In the latter case, Address 3 (COUNT) would contain the value 512-N, where N represents the
number of information bytes in the message. The SID in Address 0 is used by the receiving node to reply
to the transmitting node. The COM20022I puts the local ID in this location, therefore it is not necessary to
write into this location. Please note that a short packet may contain between 1 and 253 data bytes, while a
long packet may contain between 257 and 508 data bytes. A minimum value of 257 exists on a long
packet so that the COUNT is expressible in eight bits. This leaves three exception packet lengths which
do not fit into either a short or long packet; packet lengths of 254, 255, or 256 bytes. If packets of these
lengths must be sent, the user must add dummy bytes to the packet in order to make the packet fit into a
long packet.
Once the packet is written into the buffer, the microcontroller awaits a logic "1" on the TA bit, indicating that a
previous transmit command has concluded and another may be issued. Each time the message is loaded
and a transmit command issued, it will take a variable amount of time before the message is transmitted,
depending on the traffic on the network and the location of the token at the time the transmit command was
issued. The conclusion of the Transmit Command will generate an interrupt if the Interrupt Mask allows it. If
the device is configured for the Command Chaining operation, please see the Command Chaining section for
further detail on the transmit sequence. Once the TA bit becomes a logic "1", the microcontroller may issue
the "Enable Transmit from Page fnn" command, which resets the TA and TMA bits to logic "0".
If the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com