Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2RS Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # CS2RS
Description  CS2RS Series Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS2RS Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  CS2RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 8Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Datasheet of CS2RS Series Stepper Drive
www.leadshine.com
2
Model Designation
□
CS2 RS
1
3
4
5
1
2
Maximum Operating Voltage
50: 50VDC
100: 100VDC or 80 VAC
3
-
50 7
4
Customerized Code
Blank: standard
Series Name
CS2: 2
nd generation closed loop stepper drives
-
2
5
Communication Mode
RS: RS485
D
6
6
Maximum Output Current
7: 7.0A
8: 8.0A
Product Type
D: Drive
Technical Specification
Name
CS2RS-D503
CS2RS-D507
CS2RS-D1008
Supply Voltage
20-50VDC
20-50VDC
30-100VDC or 18-80VAC
Output Current (Peak)
0.5-3.0A
1.0-7.0A
2.1-8.0A
Size (H*W*L mm)
118*79.5*25.5
151*97*53
Weight (kg)
0.65
0.92
Matched Motor
NEMA 8, 11, 14, 17
NEMA 17, 23, 24
NEMA34
Input Signals
Limit +, Limit -, Origin, Quick stop, Enable, JOG +, JOG - and Position Table
Output Signals
Brake, Alarm, In Position, GPIOs
Protection Functions
Over Current, Over Voltage, Position Following Error, Encoder Cable Error, etc.
PC Software
Leadshine ProTuner (coming soon)
Operating Environment
Environment
Avoid dust, oil ,fog and corrosive gases
Operating
Temperature
0-50℃ (32 F – 122 F)
Storage Temperature
-20℃-65℃ (-4 F – 149 F)
Humidity
40-90%RH
Vibration
10-55Hz/0.15mm
Mount
Vertical or horizontal mounting



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com