Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2RS Datasheet(PDF) 7 Page - Leadshine Technology Co., Ltd.

Part # CS2RS
Description  CS2RS Series Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS2RS Datasheet(HTML) 7 Page - Leadshine Technology Co., Ltd.

  CS2RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 8Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Datasheet of CS2RS Series Stepper Drive
www.leadshine.com
7
DIP Switches
The CS2RS series drives use an 8-bit DIP switched to set Salve ID (also called Site Alias), Baud Rate and Terminal
Resistance, they are shown as below:
Slave ID
Baud Rate
120Ω Terminal
Resistance
(1) Slave ID: SW1-SW5 (off=1, on=0)
Slave ID
SW1
SW2
SW3
SW4
SW5
1 (default)
on
on
on
on
on
1 (factory)
off
on
on
on
on
2
on
off
on
on
on
3
off
off
on
on
on
4
on
on
off
on
on
5
off
on
off
on
on
6
on
off
off
on
on
7
off
off
off
on
on
8
on
on
on
off
on
9
off
on
on
off
on
10
on
off
on
off
on
11
off
off
on
off
on
12
on
on
off
off
on
13
off
on
off
off
on
14
on
off
off
off
on
15
off
off
off
off
on
16
on
on
on
on
off
17
off
on
on
on
off
18
on
off
on
on
off
19
off
off
on
on
off
20
on
on
off
on
off
21
off
on
off
on
off
22
on
off
off
on
off
23
off
off
off
on
off
24
on
on
on
off
off
25
off
on
on
off
off
26
on
off
on
off
off
27
off
off
on
off
off



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com