Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2RS Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # CS2RS
Description  CS2RS Series Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS2RS Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  CS2RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 8Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet of CS2RS Series Stepper Drive
www.leadshine.com
4
Connector and Pin Assignment
CN1
CN2
CN6
CN3
CN5
CN4
DIP
Switch
Name
Description
CN1
Input power connector
CN2
Motor connector
CN3
I/O signals connector
CN4
RS485 communication connector
CN5
RS232 tuning connector
CN6
Encoder Signals Connector
DIP Switch
Salve ID: SW1-SW5
Baud Rate: SW6-SW7
Terminal Resistance: SW8
CN1 &CN2 Input Power Connector
CS2RS-D503/507
Name
Pic
PIN
Signal
Description
CN1
1
VDC
24V- 48V
2
GND
GND
CN2
4
A+
Motor phase A+
3
B+
Motor phase B+
2
A-
Motor phase A-
1
B-
Motor phase B-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com