Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2RS Datasheet(PDF) 6 Page - Leadshine Technology Co., Ltd.

Part # CS2RS
Description  CS2RS Series Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS2RS Datasheet(HTML) 6 Page - Leadshine Technology Co., Ltd.

  CS2RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 8Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Datasheet of CS2RS Series Stepper Drive
www.leadshine.com
6
CN4
1
RS485+
RS485 TxD+
9
RS485 RxD+
2
RS485-
RS485 TxD-
10
RS485 RxD-
5, 6, 13, 14
GND
GND
7, 8, 15, 163, 4, 11, 12
NC
Received
Connector cover
PE
Shield GND
CN5-RS232 Tuning Port
Name
Pic
PIN
Signal
CN5
1
NC
2
TxD
3
GND
4
RxD
CN6-Encoder Input Signals Connector
Name
Pic
PIN
Signal
Description
CN6
1, 2, 3, 4
NC
Reserved
5
EA+
Encoder signal of phase A+
6
EA-
Encoder signal of phase A-
7
EB+
Encoder signal of phase B+
8
EB-
Encoder signal of phase B-
9
EZ+
Encoder Z+ signal (optional)
10
EZ-
Encoder Z- signal (optional)
11
VCC
Encoder +5V voltage
12
GND
Encoder ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com