Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2RS Datasheet(PDF) 5 Page - Leadshine Technology Co., Ltd.

Part # CS2RS
Description  CS2RS Series Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS2RS Datasheet(HTML) 5 Page - Leadshine Technology Co., Ltd.

  CS2RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 8Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Datasheet of CS2RS Series Stepper Drive
www.leadshine.com
5
CS2RS-D1008
Name
Pic
PIN
Signal
Description
CN1&
CN2
1
A+
Motor phase A+
2
B+
Motor phase B+
3
A-
Motor phase A-
4
B-
Motor phase B-
5
AC
18-80VAC or 24-100VDC
no polarity
6
AC
Note: When the user uses an AC transformer to supply power,
Be sure to use an isolation transformer to prevent electric shock or burn out the computer.
CN3-I/O Signals Connector
Name
Pic
PIN
Signal
I/O
Description
CN4
1
DI1
I
Configurable Single-ended Digital
Inputs DI1-DI7, 12V - 24V.
DI1 is enabling signal default,
DI2-DI7 are GPIOs.
2
DI2
I
3
DI3
I
4
DI4
I
5
DI5
I
6
DI6
I
7
DI7
I
8
COMI
I
9
DO1
O
Configurable Single-ended Outputs
Signals DO1-DO3 (common-cathode
or common-anode),
Max. 24V/100mA, GPIOs.
10
DO2
O
11
DO3
O
12
COMO
O
Note:(1) DI or DO is shown as SI or SO in Leadshine MotionStudio.
(2) DI1 is normally closed, default by Enable signal. It means the motor is locked shaft after the driver
powered on.
(3) When using brake output signals you need to connect a relay and a diode.
CN4-RS485 Communication Connector
Name
Pic
PIN
Signal
Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com