Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2RS Datasheet(PDF) 8 Page - Leadshine Technology Co., Ltd.

Part # CS2RS
Description  CS2RS Series Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS2RS Datasheet(HTML) 8 Page - Leadshine Technology Co., Ltd.

  CS2RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 8Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Datasheet of CS2RS Series Stepper Drive
www.leadshine.com
8
28
on
on
off
off
off
29
off
on
off
off
off
30
on
off
off
off
off
31
off
off
off
off
off
Note: (1) When the SW1-SW5 is default (all are on), the Slave ID can be configured by the PC software
(2) Baud Rate: SW6 - SW7
Baud Rate
SW6
SW7
115200 (Default)
on
on
38400 (Factory)
off
on
19200
on
off
9600
off
off
Note: (1) When the SW6-SW7 is default (all are off), the Baud Rate can be configured by the PC software
(3) Terminal Resistance Selection: SW8
SW8=ON: terminal resistance is valid;
SW8=OFF: terminal resistance is invalid (factory setting)
Note: (1) The last slave in the network needs to connect a 120Ω terminal resistance, it means set the SW8 to on
Wiring
COMI
I1
I2
I3
I4
12-24Vdc
NPN or PNP
O1
O2
Power Supply
24-48VDC
CS-M
Series
Motor
A+
A-
B+
B-
VDC
GND
CS2RS-D507
I5
24VDC
RS232 for Tuning
CABLE-PC-1
O3
RS485 IN
RS485 OUT
Salve ID: SW1-SW5
Baud Rate:
SW6-SW7
Terminal Resistance: SW8
Single-ended
outputs
I6
I7
Single-ended
inputs
Leadshine PC Software
COMO
Encoder extension cable(necessary)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com