Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2RS Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # CS2RS
Description  CS2RS Series Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS2RS Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  CS2RS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 7Page - Leadshine Technology Co., Ltd. CS2RS Datasheet HTML 8Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet of CS2RS Series Stepper Drive
www.leadshine.com
1
CS2RS Series Stepper Drive
CS2RS Series are closed loop stepper drive based on standard Modbus RTU
protocol, using RS485 communication can network up to 31 axes, built-in
16-segment position table (PR Mode --Position Register mode ). They can not
only solve the problem of step loss in the open
loop stepper system, but also can save additional
controllers in most of point-to-point applications,
to greatly enhance system reliability and reduce
the cost. CS2RS Series also support the feature of
teaching, the operation modes of Profile Position,
Profile Velocity and Homing. They can power
2-phase NEMA 8, 11, 14, 17, 23, 24, 34 stepper
motors with 1000 ppr to 5000 ppr incremental
encoders.
The CS2RS series is highly reliable, affordable and performs excellently in many industrial applications such as solar
equipment, textile, civil, robotics, power generation equipment, 3C, packaging...
Feature
 No loss of step, No hunting, No torque reservation
 Low noise and vibration, smooth motion
 Support Modbus RTU protocol, Internal 16-segment position instructions
 Motion can be started by External IO or RS485
 Support operation modes: Profile Position, Profile Velocity, Homing
 7 configurable digital inputs, 3 optically isolated digital outputs
 Limit +, Limit -, Origin, Quick stop, Enable, JOG +, JOG - and Position Table inputs
 Alarm, Brake, Homing complete, In Position complete, instructions complete, Path complete outputs
 20-50VDC supply voltage for CS2RS-D503, max output current 3A
20-50VDC supply voltage for CS2RS-D507, max output current 7A
18-80VAC or 30-100VDC supply voltage for CS2RS-D1008, max output current 8A
 RS232 communication for parameters configuration
 Encoder resolution: 1000 ppr to 5000 ppr for NEMA8/11/17/23/24/ 34 CS-M motors
 Protections for over voltage, over current and position following error, encoder cable error, etc.
Compare with Step/Direction
Built-in single-axis control can save the PLC in most of point-to-point applications to reduce cost;
Built-in rich diagnostic functions and input and output signals to setup easily;
Modbus brings more expansion possibility to add value;


Similar Part No. - CS2RS

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS2 COOPER-CS2 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
fujitsu semiconductor
CS2 FUJITSU-CS2 Datasheet
563Kb / 56P
2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
IXYS Corporation
CS20 IXYS-CS20 Datasheet
254Kb / 3P
Phase Control Thyristor
logo
List of Unclassifed Man...
CS20 ETC2-CS20 Datasheet
811Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS20 CITIZEN-CS20 Datasheet
4Mb / 1P
AT-CUT CRYSTAL UNIT
More results

Similar Description - CS2RS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
Stepper Motor Drive Circuit
logo
Ericsson
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
Stepper Motor Drive Circuit
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
Stepper Motor Drive Circuit
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
Stepper Motor Drive Circuit
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
logo
Leadshine Technology Co...
20CM004 LEADSHINE-20CM004 Datasheet
8Mb / 8P
CM Series Stepper Drive
CS3E LEADSHINE-CS3E Datasheet
896Kb / 9P
CS3E Series Stepper Drive
EM2RS LEADSHINE-EM2RS Datasheet
737Kb / 7P
EM2RS Series Stepper Drive
EM3E LEADSHINE-EM3E Datasheet
567Kb / 7P
EM3E Series Stepper Drive
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com