Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE310 Datasheet(PDF) 4 Page - E+E Elektronik Ges.m.b.H

Part # EE310
Description  High-End Humidity and Temperature Sensor for Industrial Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE310 Datasheet(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  EE310 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Datasheet EE310
v2.7 / Modification rights reserved | 4
Features
The E+E proprietary sensor coating is a protective layer applied to the sensing elements, their leads and soldering points.
The coating substantially extends sensor lifetime and ensures optimal measurement performance in corrosive environment
(salts, off-shore applications). Additionally, it improves the sensors’ long term stability in dusty, dirty or oily applications by
preventing stray impedance caused by deposits on the active sensor surface or on the electrical connections.
Protective Sensor Coating
Dimensions
Values in mm (inch)
Enclosure
Polycarbonate
Stainless steel
71 (2.80)
5.1 (0.20)
180 (7.09)
166 (6.54)
153 (6.02)
73 (2.87)
5.1 (0.20)
218 (8.58)
200 (7.87)
186 (7.32)
Types
T1: Wall mount
T5: Remote probe up to 180 °C (356 °F)
code “probe length”1)
code „cable length“1)
L2)
15
T2: Duct mount
T10: Pressure tight probe up to 20 bar (300 psi)
200 (7.87)
L2)
code “cable length“1)
200 (7.87)
adjustable
min. 23 (1) / max. 164 (6.5)
L2)
1/2" ISO or
1/2" NPT
15 (0.60)
T24: T only remote probe (M3)
150 (5.9)
code “cable length”1)
1/2" ISO or
1/2" NPT*)
1) Refer to ordering guide
2) L = filter length; refer to data sheet Accessories
*) Not included in the scope of supply:
1/2" ISO ∅ 6 mm
HA011104
1/2" NPT ∅ 6 mm
HA011105



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com