Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE310 Datasheet(PDF) 5 Page - E+E Elektronik Ges.m.b.H

Part # EE310
Description  High-End Humidity and Temperature Sensor for Industrial Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE310 Datasheet(HTML) 5 Page - E+E Elektronik Ges.m.b.H

  EE310 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Datasheet EE310
v2.7 / Modification rights reserved | 5
Technical Data
Calculated Quantities
from
up to
unit
EE310-T1
EE310-T2
EE310-T5, T10
Dew point temperature
Td
-40
(-40)
60
(140)
80
(176)
100
(212)
°C
(°F)
Frost point temperature
Tf
-40
(-40)
0
(32)
0
(32)
0
(32)
°C
(°F)
Wet bulb temperature
Tw
0
(32)
60
(140)
80
(176)
100
(212)
°C
(°F)
Water vapour partial pressure
e
0
(0)
200
(3)
500
(7.5)
1100
(15)
mbar
(psi)
Mixing ratio
r
0
(0)
425
(2900)
999
(9999)
999
(9999)
g/kg
(gr/lb)
Absolute humidity
dv
0
(0)
150
(60)
300
(120)
700
(300)
g/m3
(gr/ft3)
Specific enthalpy
h
0
(0)
400
(180)
1000
(450)
2800
(1250)
kJ/kg
(BTU/lb)
Measurands
Relative Humidity (RH)
Measuring range
0...100 %RH
Accuracy1)
incl. hysteresis, non-linearity and repeatability
-15...+40 °C (5...104 °F), RH ≤90 %
-15...+40 °C (5...104 °F), RH >90 %
-25...+70 °C (-13...+158 °F)
-40...+180 °C (-40...+356 °F)
± (1.3 + 0.3 % * mv) %RH
± 2.3 %RH
± (1.4 + 1 % * mv) %RH
± (1.5 + 1.5 % * mv) %RH
mv = measured value
Temperature dependence of electronics, typ.
±0.01 % RH / °C (0.0055 %RH / °F)
Response time t90
with metal grid filter at 20 °C (68 °F)
<15 s
1) Traceable to international standards, administrated by NIST, PTB, BEV,...
The accuracy statement includes the uncertainty of the factory calibration with an enhancement factor k=2 (2-times standard deviation).
The accuracy was calculated in accordance with EA-4/02 and with regard to GUM (Guide to the Expression of Uncertainty in Measurement).
For model T1 the accuracy data is valid only for air speed higher than 0.2 m/s.
Temperature (T)
Measuring range
T1,
wall mount
T2,
duct mount
T5,
remote probe
T10, pressure tight probe
T24, T only remote probe
-40...+60 °C (-40...+140 °F)
-40...+80 °C (-40...+176 °F)
-40...+180 °C (-40...+356 °F)
-40...+180 °C (-40...+356 °F)
-80...+180 °C (-112...+356 °F)
Accuracy1)
Type T24
only
± ∆T [°C]
T [°C]
Temperature dependence of electronics, typ.
±0,001 °C / °C
1) Traceable to international standards, administrated by NIST, PTB, BEV,...
The accuracy statement includes the uncertainty of the factory calibration with an enhancement factor k=2 (2-times standard deviation).
The accuracy was calculated in accordance with EA-4/02 and with regard to GUM (Guide to the Expression of Uncertainty in Measurement).
For model T1 the accuracy data is valid only for air speed higher than 0.2 m/s.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com