Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE310 Datasheet(PDF) 9 Page - E+E Elektronik Ges.m.b.H

Part # EE310
Description  High-End Humidity and Temperature Sensor for Industrial Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE310 Datasheet(HTML) 9 Page - E+E Elektronik Ges.m.b.H

Back Button EE310 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 10Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Datasheet EE310
v2.7 / Modification rights reserved | 9
Accessories
Description
Code
Mounting flange stainless steel
HA010201
Drip water protection
HA010503
Bracket for DIN rail mounting1)
HA010203
Humidity calibration kit
See data sheet Humidity Calibration Kit
Wall mounting clip for remote probe
HA010211
Stainless steel wall mounting clip Ø12 mm (0.5")
HA010225
Stainless steel mounting flange Ø6 mm/0.25" (T24)
HA010207
Pressure-tight feed-through Ø6 mm/0.25" (T24)
1/2" ISO
1/2" NPT
HA011104
HA011105
Immersion well, stainless steel Ø6x135 mm (0.25 x 5.4")
1/2" ISO
1/2" NPT
HA400202
HA400212
1) For polycarbonate enclosure only. Two pieces are necessary for each EE310.
For further information see datasheet Accessories.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com