Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE310 Datasheet(PDF) 6 Page - E+E Elektronik Ges.m.b.H

Part # EE310
Description  High-End Humidity and Temperature Sensor for Industrial Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE310 Datasheet(HTML) 6 Page - E+E Elektronik Ges.m.b.H

Back Button EE310 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 10Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Datasheet EE310
v2.7 / Modification rights reserved | 6
Technical Data
Outputs
Power supply class III
USA & Canada: Class 2 supply necessary,
max. voltage 30 V DC
8 - 35 V DC
12 - 30 V AC
100 - 240 V AC, 50/60 Hz mit Option AM31)
Current consumption, (typ.)
@ 24 V DC /AC
2 voltage outputs
2 current outputs
with display additionally
with Ethernet additionally
15 mA / 40 mArms
35 mA / 100 mArms
50 mA / 150 mArms
30 mA / 90 mArms
Electrical connection
Screw terminals max. 1.5 mm2 (AWG 16)
Cable glands
for polycarbonate enclosure
for metal enclosure
M16x1.5, for cable Ø3...7 mm (0.12...0.28")
M16x1.5, for cable Ø4.5...10 mm (0.18...0.39")
Pressure range for pressure tight probe
0.01...20 bar (0.15...300 psi)
Temperature range
Operation
Storage
-40...+60 °C (-40...+140 °F) without display
-20...+50 °C (-4...+122 °F) with display
Probe
Material
Protection rating,
probe body
Stainless steel 1.4404 / AISI 316L
IP65
Enclosure
Material
Protection rating
Polycarbonate, UL94 V-0 approved or
Stainless steel 1.4404 / AISI 316 L
IP65 / NEMA 4X
Electromagnetic compatibility
EN 61326-1
EN 61326-2-3
Industrial Environment
FCC Part15 ClassA
ICES-003 ClassA
Conformity
Configuration software
E+E PCS10 Product Configuration Software
Free download from www.epluse.com/pcs10
1) Appropriate for outdoor use, wet location, degree of pollution 2, overvoltage category II, altitude up to 3000 m (9843 ft)
General
Digital
Digital interface
Protocol
Factory settings
Supported Baud rates
RS485 (EE310 = 1 unit load)
Modbus RTU
9 600 Baud, parity even, 1 stop bit, Modbus address 231
9 600, 19 200, 38 400, 57 600 and 76 800
Digital interface
Protocol
Ethernet-PoE
Modbus TCP
Analogue
Two analogue outputs freely selectable and
scalable
0 - 1 / 5 / 10 V
-1 mA < IL < 1 mA
IL = load current
4 - 20 mA
3-wire
RL < 500 Ohm
RL = load resistance
0 - 20 mA
3-wire
RL < 500 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com