Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE310 Datasheet(PDF) 7 Page - E+E Elektronik Ges.m.b.H

Part # EE310
Description  High-End Humidity and Temperature Sensor for Industrial Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE310 Datasheet(HTML) 7 Page - E+E Elektronik Ges.m.b.H

Back Button EE310 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 10Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Datasheet EE310
v2.7 / Modification rights reserved | 7
Ordering Guide
Feature
Description
Code
EE310-
Model
RH + T
No code
T
M3
Type
Wall mount
T1
Duct mount
T2
Remote probe up to 180 °C (356 °F)
T5
Pressure tight probe up to 20 bar (300 psi)
T10
T only, remote probe Ø6 mm (0.25")
T24
Enclosure material
Polycarbonate (PC)
No code
No code
No code
No code
No code
Stainless steel
HS2
HS2
HS2
HS2
Filter
No filter
F0
Stainless steel sintered
No code
No code
No code
No code
Polytetrafluoroethylene (PTFE)
F5
F5
F5
Stainless steel - metal grid (up to 180 °C / 356 °F)
F9
F9
F9
F9
Probe cable length
(incl. probe length)
2 m (6.6 ft)
No code
No code
No code
5 m (16.4 ft)
K5
K5
K5
10 m (32.8 ft)
K10
K10
20 m (65.6 ft)
K20
K20
Probe length
65 mm (2.55")
L65
150 mm (5.91")
L150
200 mm (7.84ʺ)
No code
No code
400 mm (15.75")
L400
L400
Process connection
G1/2" ISO - sliding fitting, Ø13 mm (0.51")
PA23
1/2" NPT - sliding fitting, Ø13 mm (0.51")
PA25
Electrical connection
Standard1)
No code
No code
No code
No code
No code
1 x plug for power supply and outputs
E4
E4
E4
E4
E4
2 x plugs for power supply + outputs and
for RS485 (requires option J3)
E6
E6
E6
E6
E6
Optional features
3.5" TFT display with integrated data logger
D2
D2
D2
D2
D2
RS485 module - Modbus RTU
J3
J3
J3
J3
J3
Ethernet-PoE with Modbus TCP2)3)
J4
J4
J4
J4
Pluggable probe2)
PC4
PC4
Sensor coating
C1
C1
C1
C1
Integrated power supply 100 - 240 V AC, 50/60 Hz3)4)
AM3
AM3
AM3
AM3
AM3
Output 1 measurand
Relative humidity RH [%]
No code
Temperature T [°C]
MA1
MA1
Temperature T [°F]
MA2
MA2
Other measurands (xx see measurand code)
MAxx
Output 1 signal5)
0 - 1 V
GA1
0 - 5 V
GA2
0 - 10 V
GA3
0 - 20 mA
GA5
4 - 20 mA
GA6
Output 1 scaling low
0
No code
Value
SALValue
Output 1 scaling high
100
No code
Value
SAHValue
Output 2 measurand
Temperature T [°C]
No code
Temperature T [°F]
MB2
Other measurands (xx see measurand code)
MBxx
Output 2 signal5)
0 - 1 V
GB1
0 - 5 V
GB2
0 - 10 V
GB3
0 - 20 mA
GB5
4 - 20 mA
GB6
Output 2 scaling low
Value
SBLValue
Output 2 scaling high
Value
SBHValue
1) Standard = 2 x M16 cable glands, except for AM3 option: 2 plugs for power supply and outputs
2) Only with polycarbonate enclosure
3) Combination of Ethernet module (J4) and integrated power supply (AM3) is not possible
4) With electrical connection standard only (no other plug options possible)
5) Both analogue outputs shall be either voltage or current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com