Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE310 Datasheet(PDF) 8 Page - E+E Elektronik Ges.m.b.H

Part # EE310
Description  High-End Humidity and Temperature Sensor for Industrial Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE310 Datasheet(HTML) 8 Page - E+E Elektronik Ges.m.b.H

Back Button EE310 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 10Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Datasheet EE310
v2.7 / Modification rights reserved | 8
Measurand Code
Order Example
EE310-T5D2J3C1GA3GB3SBL-40SBH180
Feature
Code
Description
Model
No code
RH + T
Type
T5
Remote probe up to 180 °C (356 °F)
Enclosure material
No code
Polycarbonate (PC)
Filter
No code
Stainless steel sintered
Probe cable length
No code
2 m (6.6")
Probe length
No code
200 mm (7.87")
Electrical connection
No code
Standard
Optional features
D2
J3
C1
Display with integrated data logger
RS485 module - Modbus RTU
Sensor coating
Output 1 measurand
No code
Relative humidity RH [%]
Output 1 signal
GA3
0 - 10 V
Output 1 scaling low
No code
0
Output 1 scaling high
No code
100
Output 2 measurand
No code
Temperature T [°C]
Output 2 signal
GB3
0 - 10 V
Output 2 scaling low
SBL-40
-40
Output 2 scaling high
SBH180
180
For Output 1 and 2 in the Ordering Guide
Measurand
Unit
Code
MAxx / MBxx
Relative humidity
%
10
Temperature
°C
°F
1
2
Dew point
Td
°C
°F
52
53
Frost point
Tf
°C
°F
65
66
Mixing ratio
r
g/kg
gr/lb
60
61
Absolute humidity
dv
g/m3
gr/ft3
56
57
Wet bulb temperature
Tw
°C
°F
54
55
Water vapour
partial pressure
e
mbar
psi
50
51
Specific enthalpy
h
kJ/kg
BTU/lb
62
64
PLEASE NOTE
No mix of SI/US units allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com