Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE310 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE310
Description  High-End Humidity and Temperature Sensor for Industrial Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE310 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE310 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE310 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Datasheet EE310
v2.7 / Modification rights reserved | 2
EE310
The EE310 is optimized for best reliability in industrial applications from -80 °C (-112 °F) up to 180 °C (356 °F) and 20 bar
(290 psi). In addition to highly accurate measurement of the relative humidity (RH) and temperature (T), the device
calculates all other humidity related parameters.
Measurement Performance
The EE310 employs high-end E+E humidity sensing elements manufactured in state-of-the-art thin film technology, which
enable the outstanding measurement accuracy.
Long-Term Stability
The E+E proprietary coating protects the sensing elements against corrosive and electrically conductive pollution, which
leads to outstanding long-term stability even in harsh environment. With the selection of the appropriate filter cap, the
EE310 tackles even challenging industrial applications.
Versatility
The EE310 is available for wall or duct mount as well as with remote probe. It features an IP65 / NEMA 4X polycarbonate
or stainless steel enclosure which facilitates installation and maintenance. The enclosure can accommodate a 100 -240 VAC
supply unit or various interface modules.
Display and Outputs
The measured data is available on two analogue outputs and on the RS485 (Modbus RTU) or Ethernet-PoE (Modbus TCP)
interface. The TFT colour display shows up to four measurands simultaneously and offers extensive setup and diagnosis
features. The data logging function saves up to 20 000 measured values for each physical quantity. The logged data can
be displayed graphically directly on the device or easily downloaded over the USB interface.
Configurable and Adjustable
The configuration and the RH and T adjustment of the EE310 can be performed either using the display and the push
buttons or with the free E+E PCS10 Product Configuration Software via the USB interface.
Stainless steel enclosure for wall mounting
Polycarbonate enclosure for duct mounting
High-End Humidity and Temperature Sensor for Industrial Applications



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com