Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 108 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 108 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 104Page - Texas Instruments ADC3908CSSS Datasheet HTML 105Page - Texas Instruments ADC3908CSSS Datasheet HTML 106Page - Texas Instruments ADC3908CSSS Datasheet HTML 107Page - Texas Instruments ADC3908CSSS Datasheet HTML 108Page - Texas Instruments ADC3908CSSS Datasheet HTML 109Page - Texas Instruments ADC3908CSSS Datasheet HTML 110Page - Texas Instruments ADC3908CSSS Datasheet HTML 111Page - Texas Instruments ADC3908CSSS Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 131 page
background image
Table 6-241. 0x19B Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
STATS_THRESHOLD_HI_
CHB__11:8
R/W
Fh
Statistics engine high threshold for channel B
6.6.2.151 0x19C Register (Address = 19Ch) [Reset = 00h]
Return to the Summary Table.
Table 6-242. 0x19C Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_THRESHOLD_LO
_CHA__7:0
R/W
0h
Statistics engine low threshold for channel A
6.6.2.152 0x19D Register (Address = 19Dh) [Reset = 0h]
Return to the Summary Table.
Table 6-243. 0x19D Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
STATS_THRESHOLD_LO
_CHA__11:8
R/W
0h
Statistics engine low threshold for channel A
6.6.2.153 0x19E Register (Address = 19Eh) [Reset = 00h]
Return to the Summary Table.
Table 6-244. 0x19E Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_THRESHOLD_LO
_CHB__7:0
R/W
0h
Statistics engine low threshold for channel B
6.6.2.154 0x19F Register (Address = 19Fh) [Reset = 0h]
Return to the Summary Table.
Table 6-245. 0x19F Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
STATS_THRESHOLD_LO
_CHB__11:8
R/W
0h
Statistics engine low threshold for channel B
6.6.2.155 0x1A0 Register (Address = 1A0h) [Reset = 00h]
Return to the Summary Table.
Table 6-246. 0x1A0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_WINDOW_SIZE_
CHA__7:0
R/W
0h
Statistics engine window size for channel A. Minimum size is 256
samples. Maximum size is 256 * 216.
6.6.2.156 0x1A1 Register (Address = 1A1h) [Reset = 00h]
Return to the Summary Table.
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
108
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com