Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 112 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 112 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 108Page - Texas Instruments ADC3908CSSS Datasheet HTML 109Page - Texas Instruments ADC3908CSSS Datasheet HTML 110Page - Texas Instruments ADC3908CSSS Datasheet HTML 111Page - Texas Instruments ADC3908CSSS Datasheet HTML 112Page - Texas Instruments ADC3908CSSS Datasheet HTML 113Page - Texas Instruments ADC3908CSSS Datasheet HTML 114Page - Texas Instruments ADC3908CSSS Datasheet HTML 115Page - Texas Instruments ADC3908CSSS Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 131 page
background image
Table 6-259. 0x1CC Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_STICKY__7:0
R/W
0h
Signals set as sticky for ALERT pin, that is, once triggered remains
triggered until cleared in ALERT STICKY CLR MASK. This register
is a mask so multiple signals can be set as sticky simultaneously by
enabling the corresponding bit. See register 0x1B4 for bit mask.
6.6.3.9 0x1CD Register (Address = 1CDh) [Reset = 00h]
Return to the Summary Table.
Table 6-260. 0x1CD Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_STICKY__15:8
R/W
0h
Signals set as sticky for ALERT pin, that is, once triggered remains
triggered until cleared in ALERT STICKY CLR MASK. This register
is a mask so multiple signals can be set as sticky simultaneously by
enabling the corresponding bit. See register 0x1B4 for bit mask.
6.6.3.10 0x1CE Register (Address = 1CEh) [Reset = 0h]
Return to the Summary Table.
Table 6-261. 0x1CE Register Field Descriptions
Bit
Field
Type
Reset
Description
0
ALERT_STICKY__18:16
R/W
0h
Signals set as sticky for ALERT pin, that is, once triggered remains
triggered until cleared in ALERT STICKY CLR MASK. This register
is a mask so multiple signals can be set as sticky simultaneously by
enabling the corresponding bit. See register 0x1B4 for bit mask.
6.6.3.11 0x1D8 Register (Address = 1D8h) [Reset = 00h]
Return to the Summary Table.
Table 6-262. 0x1D8 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_STICKY_CLR__7:
0
R/W
0h
Signals set as sticky for ALERT pin. This register is a mask so
multiple signals can be set as sticky simultaneously by enabling the
corresponding bit. See register 0x1B4 for bit mask.
6.6.3.12 0x1D9 Register (Address = 1D9h) [Reset = 00h]
Return to the Summary Table.
Table 6-263. 0x1D9 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_STICKY_CLR__1
5:8
R/W
0h
Signals set as sticky for ALERT pin. This register is a mask so
multiple signals can be set as sticky simultaneously by enabling the
corresponding bit. See register 0x1B4 for bit mask.
6.6.3.13 0x1DA Register (Address = 1DAh) [Reset = 0h]
Return to the Summary Table.
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
112
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com