Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 116 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 116 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 112Page - Texas Instruments ADC3908CSSS Datasheet HTML 113Page - Texas Instruments ADC3908CSSS Datasheet HTML 114Page - Texas Instruments ADC3908CSSS Datasheet HTML 115Page - Texas Instruments ADC3908CSSS Datasheet HTML 116Page - Texas Instruments ADC3908CSSS Datasheet HTML 117Page - Texas Instruments ADC3908CSSS Datasheet HTML 118Page - Texas Instruments ADC3908CSSS Datasheet HTML 119Page - Texas Instruments ADC3908CSSS Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 131 page
background image
SFDR performance is a key care about as well. A higher ADC sampling rate is desirable to relax the external
anti-aliasing filter. An internal decimation filter can be used to reduce the digital output rate afterwards.
Table 7-1. Design key care-abouts
FEATURE
DESCRIPTION
Signal Bandwidth
DC to 30 MHz
Input Driver
Single ended to differential signal conversion and DC coupling
Clock Source
External clock with low jitter
When designing the amplifier/filter driving circuit, the ADC input full-scale voltage needs to be taken into
consideration. For example, the ADC3910D125 input full-scale is 1.9 VPP. When factoring in approximately 1
dB for insertion loss of the filter, then the amplifier needs to deliver close to 2.1 VPP. The amplifier distortion
performance degrades with a larger output swing and considering the ADC common mode input voltage the
amplifier may not be able to deliver the full swing. The ADC3910D125 provides an output common mode voltage
of 1.25 V and the THS4541 for example can only swing within 250 mV of its negative supply. A unipolar 3.3
V amplifier power supply limits the maximum voltage swing to approximately 2.8 VPP. Hence, if a larger output
swing is required (factoring in filter insertion loss) then a negative supply for the amplifier is needed in order to
eliminate that limitation. Additionally, input voltage protection diodes may be needed to protect the ADC from
over-voltage events.
Table 7-2. Output voltage swing of THS4541 vs power supply
DEVICE
MIN OUTPUT VOLTAGE
MAX SWING WITH 3.3 V/ 0 V SUPPLY
THS4541
VS- + 250 mV
2.8 VPP
7.2.2 Detailed Design Procedure
7.2.2.1 Input Signal Path
The THS4541 provides a good low power option to drive the ADC inputs. Table 7-3 provides an overview of the
THS4541 with power consumption and usable frequency.
Table 7-3. Fully Differential Amplifier Options
DEVICE
CURRENT (IQ) PER CHANNEL
USABLE FREQUENCY RANGE
THS4541
10 mA
< 70 MHz
The low pass filter design (topology, filter order) is driven by the application itself. However, when designing the
low pass filter, the optimum load impedance for the amplifier must also be taken into consideration.
7.2.2.2 Sampling Clock
Applications operating with low input frequencies (such as DC to 20 MHz) typically are less sensitive to
performance degradation due to clock jitter. The internal ADC aperture jitter improves with faster rise and fall
times (that is, square wave vs sine wave).
Termination of the clock input needs to be considered for long clock traces.
7.2.2.3 Voltage Reference
The ADC3910D125 provides two different options for supplying the voltage reference to the ADC. An external
1.2 V reference can be directly connected to the VREF input or the internal 1.2 V reference can be enabled to
generate a reference voltage. For best performance, the reference noise needs to be filtered by connecting a
10 uF and a 0.1 uF ceramic bypass capacitor to the VREF pin when using an external reference and can be
connected to ground when the internal reference is used.
Note
The voltage reference mode can be selected using SPI writes.
ADC3910D125
SBASAD1 – DECEMBER 2023
www.ti.com
116
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com