Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 113 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 113 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 109Page - Texas Instruments ADC3908CSSS Datasheet HTML 110Page - Texas Instruments ADC3908CSSS Datasheet HTML 111Page - Texas Instruments ADC3908CSSS Datasheet HTML 112Page - Texas Instruments ADC3908CSSS Datasheet HTML 113Page - Texas Instruments ADC3908CSSS Datasheet HTML 114Page - Texas Instruments ADC3908CSSS Datasheet HTML 115Page - Texas Instruments ADC3908CSSS Datasheet HTML 116Page - Texas Instruments ADC3908CSSS Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 131 page
background image
Table 6-264. 0x1DA Register Field Descriptions
Bit
Field
Type
Reset
Description
0
ALERT_STICKY_CLR__1
8:16
R/W
0h
Signals set as sticky for ALERT pin. This register is a mask so
multiple signals can be set as sticky simultaneously by enabling the
corresponding bit. See register 0x1B4 for bit mask.
6.6.3.14 0x1E4 Register (Address = 1E4h) [Reset = 00h]
Return to the Summary Table.
Table 6-265. 0x1E4 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_CNT__7:0
R/W
0h
Counter of the input alerts cross the threshold before the output alert
is triggered
6.6.3.15 0x1E5 Register (Address = 1E5h) [Reset = 00h]
Return to the Summary Table.
Table 6-266. 0x1E5 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_CNT__15:8
R/W
0h
Counter of the input alerts cross the threshold before the output alert
is triggered
6.6.3.16 0x1EA Register (Address = 1EAh) [Reset = 00h]
Return to the Summary Table.
Table 6-267. 0x1EA Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CNT_MODE_B
R/W
0h
Sets the ALERT count mode for channel B
0b = Level-based count
1b = Rise-based count
6
CNT_MODE_A
R/W
0h
Sets the ALERT count mode for channel A
0b = Level-based count
1b = Rise-based count
5:1
RESERVED
R
0h
0
CNT_EN
R/W
0h
Enables alert window mode. In this mode alert is triggered when
input triggers cross (alert_thres) number of time in alert_cnt window
0b = Disable alert window mode
1b = Enable alert window mode
6.6.3.17 0x1EC Register (Address = 1ECh) [Reset = 00h]
Return to the Summary Table.
Table 6-268. 0x1EC Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
ALERT_THRESHOLD__7:
0
R/W
0h
Sets the threshold the count of input alerts must cross before the
output alert is triggered
6.6.3.18 0x1ED Register (Address = 1EDh) [Reset = 00h]
Return to the Summary Table.
www.ti.com
ADC3910D125
SBASAD1 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: ADC3910D125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com