Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB2421 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCB2421
Description  1K dual mode serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB2421 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCB2421 Datasheet HTML 3Page - NXP Semiconductors PCB2421 Datasheet HTML 4Page - NXP Semiconductors PCB2421 Datasheet HTML 5Page - NXP Semiconductors PCB2421 Datasheet HTML 6Page - NXP Semiconductors PCB2421 Datasheet HTML 7Page - NXP Semiconductors PCB2421 Datasheet HTML 8Page - NXP Semiconductors PCB2421 Datasheet HTML 9Page - NXP Semiconductors PCB2421 Datasheet HTML 10Page - NXP Semiconductors PCB2421 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1997 Apr 01
7
Philips Semiconductors
Preliminary specification
1K dual mode serial EEPROM
PCB2421
Table 2
Mode configurations
Note
1. Where X = don’t care.
6.7
Read operation
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the slave
address is set to logic 1. There are three basic types of
read operations: current address read, random read, and
sequential read.
6.7.1
CURRENT ADDRESS READ
The PCB2421 contains an address counter that maintains
the address of the last word accessed, internally
incremented by one. Therefore, if the previous access
(either a read or write operation) was to address ‘n’, the
next current address read operation would access data
from address n + 1. Upon receipt of the slave address with
R/W set to logic 1, the PCB2421 issues an acknowledge
and transmits the eight bit data word. The master will not
acknowledge the transfer but does generate a STOP
condition and the PCB2421 discontinues transmission
(see Fig.10).
6.7.2
RANDOM READ
Random read operations allow the master to access any
memory location in a random manner. To perform this type
of read operation, the word address must first be set. This
is done by sending the word address to the PCB2421 as
part of a normal write operation. After the word address is
sent, the master generates a REPEATED START
condition following the acknowledge. This terminates the
write operation, but not before the internal address pointer
is set. The master then issues the control byte again but
with the R/W bit set to logic 1. The PCB2421 will then issue
an acknowledge and transmits the 8-bit data word.
The master will not acknowledge the transfer but does
generate a STOP condition and the PCB2421
discontinues transmission (see Fig.11).
6.7.3
SEQUENTIAL READ
Sequential reads are initiated in the same way as a
random read except that after the PCB2421 transmits the
first data byte, the master issues an acknowledge as
DDC
WP
MODE
DCC1
X(1)
R
DCC2
1
R/W
0R
opposed to a STOP condition in a random read.
This directs the PCB2421 to transmit the next sequentially
addressed 8-bit word. To provide sequential reads the
PCB2421 contains an internal address pointer which is
incremented by one at the completion of each operation.
This address pointer allows the entire memory contents to
be serially read during one operation.
6.8
Pin description
6.8.1
SDA
This pin is used to transfer addresses and data into and
out of the device, when the device is in the bidirectional
(I2C-bus, DDC2B) mode. In the transmit-only mode
(DDC1), which only allows data to be read from the device,
data is also transferred on the SDA pin. This pin is an
open-drain terminal, therefore the SDA bus requires a
pull-up resistor connected to VDD (typically 10 kΩ for
100 kHz). See brochure
“The I2C-bus and how to use it”
(order no. 9398 393 40011) or
“Data Handbook IC12”.
6.8.2
SCL
This pin is the clock input for the bidirectional mode
(I2C-bus, DDC2B), and is used to synchronize data
transfer to and from the device. It is also used as the
signalling input to switch the device from the transmit-only
mode to the bidirectional mode. It must remain HIGH for
the chip to continue operation in the transmit-only mode
(DDC1).
6.8.3
VCLK
This pin is the clock input for the transmit-only mode
(DDC1). In the transmit-only mode, each bit is clocked out
on the rising edge of this signal. In DDC2B mode, this input
is a don’t care.
6.8.4
WP
This pin is used to inhibit writing of the EEPROM. When
this pin is connected to ground, writing of the EEPROM is
inhibited. When connected to VDD (and VCLK = VDD), the
EEPROM can be programmed. WP may not be left
open-circuit. WP input is a ‘don’t care’ in DDC1 mode.
6.8.5
TEST
Pins 1 is a TEST pin for factory use only. It must be
connected to VDD in the application.
6.8.6
N
.C.
This pin has no connection and may be tied to VSS, VDD or
left open-circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com