Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB2421 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCB2421
Description  1K dual mode serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB2421 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCB2421 Datasheet HTML 1Page - NXP Semiconductors PCB2421 Datasheet HTML 2Page - NXP Semiconductors PCB2421 Datasheet HTML 3Page - NXP Semiconductors PCB2421 Datasheet HTML 4Page - NXP Semiconductors PCB2421 Datasheet HTML 5Page - NXP Semiconductors PCB2421 Datasheet HTML 6Page - NXP Semiconductors PCB2421 Datasheet HTML 7Page - NXP Semiconductors PCB2421 Datasheet HTML 8Page - NXP Semiconductors PCB2421 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1997 Apr 01
2
Philips Semiconductors
Preliminary specification
1K dual mode serial EEPROM
PCB2421
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
BLOCK DIAGRAM
5
PINNING
6
FUNCTIONAL DESCRIPTION
6.1
Transmit-only mode (DDC1)
6.2
Initialization procedure
6.3
Bidirectional mode (DDC2B, I2C-bus mode)
6.3.1
Bidirectional mode bus characteristics
6.3.2
Bus not busy (A)
6.3.3
Start condition (B)
6.3.4
Stop condition (C)
6.3.5
Data valid (D)
6.3.6
Acknowledge
6.3.7
Slave address
6.4
Write operation
6.4.1
Byte write
6.4.2
Page write
6.5
Acknowledge polling
6.6
Write protection
6.7
Read operation
6.7.1
Current address read
6.7.2
Random read
6.7.3
Sequential read
6.8
Pin description
6.8.1
SDA
6.8.2
SCL
6.8.3
VCLK
6.8.4
WP
6.8.5
Test
6.8.6
n.c.
7
LIMITING VALUES
8
DC CHARACTERISTICS
9
EEPROM CHARACTERISTICS
10
AC CHARACTERISTICS
11
APPLICATION INFORMATION
11.1
Diode protection
11.2
Functional compatibility with microchip 24CL21
dual mode EEPROM
12
PACKAGE OUTLINES
13
SOLDERING
13.1
Introduction
13.2
DIP
13.2.1
Soldering by dipping or by wave
13.2.2
Repairing soldered joints
13.3
SO
13.3.1
Reflow soldering
13.3.2
Wave soldering
13.3.3
Repairing soldered joints
14
DEFINITIONS
15
LIFE SUPPORT APPLICATIONS
16
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com