Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB2421 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCB2421
Description  1K dual mode serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB2421 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCB2421 Datasheet HTML 7Page - NXP Semiconductors PCB2421 Datasheet HTML 8Page - NXP Semiconductors PCB2421 Datasheet HTML 9Page - NXP Semiconductors PCB2421 Datasheet HTML 10Page - NXP Semiconductors PCB2421 Datasheet HTML 11Page - NXP Semiconductors PCB2421 Datasheet HTML 12Page - NXP Semiconductors PCB2421 Datasheet HTML 13Page - NXP Semiconductors PCB2421 Datasheet HTML 14Page - NXP Semiconductors PCB2421 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Apr 01
11
Philips Semiconductors
Preliminary specification
1K dual mode serial EEPROM
PCB2421
handbook, halfpage
MBG281
SEND STOP
CONDITION TO
INITIATE WRITE CYCLE
SEND
WRITE COMMAND
SEND START
SEND CONTROL BYTE
WITH R/W = 0
DID DEVICE
ACKNOWLEDGE
(ACK = 0)?
no
NEXT OPERATION
yes
Fig.9 Acknowledge polling.
Fig.10 Current address read.
handbook, full pagewidth
MBG282
S
P
STOP
START
SDA
NO ACK
R/W
ACK
data
slave address
+ R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com