Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB2421 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCB2421
Description  1K dual mode serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB2421 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCB2421 Datasheet HTML 1Page - NXP Semiconductors PCB2421 Datasheet HTML 2Page - NXP Semiconductors PCB2421 Datasheet HTML 3Page - NXP Semiconductors PCB2421 Datasheet HTML 4Page - NXP Semiconductors PCB2421 Datasheet HTML 5Page - NXP Semiconductors PCB2421 Datasheet HTML 6Page - NXP Semiconductors PCB2421 Datasheet HTML 7Page - NXP Semiconductors PCB2421 Datasheet HTML 8Page - NXP Semiconductors PCB2421 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Apr 01
4
Philips Semiconductors
Preliminary specification
1K dual mode serial EEPROM
PCB2421
4
BLOCK DIAGRAM
Fig.1 Block diagram.
(1) Factory use only.
book, full pagewidth
MBG271
I/O
CONTROL
LOGIC
5
SDA
SCL
VCLK
WP
MEMORY
CONTROL
LOGIC
X
DECODER
HV GENERATOR
PAGE LATCHES
EEPROM
ARRAY
Y
DECODER
SENSE AMPLIFIER
R/W CONTROL
PCB2421
n.c.
TEST(1)
3
6
7
1
2
48
VSS
VDD
5
PINNING
SYMBOL PIN
DESCRIPTION
TEST
1
factory use only: must be tied to VDD;
may not be left open-circuit
n.c.
2
may be tied to VSS, VDD, or left
open-circuit
WP
3
write protect input (LOW = write
protected, HIGH = not write protected);
may not be left open-circuit
VSS
4
ground
SDA
5
serial data input/output
SCL
6
serial clock input/output (DDC2B)
VCLK
7
serial clock input (transmit-only mode,
DDC1)
VDD
8
supply voltage
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
8
7
6
5
MBG272
PCB2421
TEST
VDD
n.c.
VCLK
WP
SCL
VSS
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com