Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB2421 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCB2421
Description  1K dual mode serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB2421 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCB2421 Datasheet HTML 12Page - NXP Semiconductors PCB2421 Datasheet HTML 13Page - NXP Semiconductors PCB2421 Datasheet HTML 14Page - NXP Semiconductors PCB2421 Datasheet HTML 15Page - NXP Semiconductors PCB2421 Datasheet HTML 16Page - NXP Semiconductors PCB2421 Datasheet HTML 17Page - NXP Semiconductors PCB2421 Datasheet HTML 18Page - NXP Semiconductors PCB2421 Datasheet HTML 19Page - NXP Semiconductors PCB2421 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
1997 Apr 01
16
Philips Semiconductors
Preliminary specification
1K dual mode serial EEPROM
PCB2421
11 APPLICATION INFORMATION
11.1
Diode protection
There is no diode connection between VCLK and VDD,
SCL and VDD and SDA and VDD (see Fig.14). This allows
powering-down the device without affecting the I2C-bus
operation or loading the VCLK driver.
11.2
Functional compatibility with microchip
24CL21 dual mode EEPROM
The Philips PCB2421 is pin and function compatible with
the 24CL21 providing the following measures are taken in
the application.
1. Pin 1 (TEST) must be tied to VDD
2. Pin 3 (WP) must be tied to VDD. This inhibits the write
protection function which does not exist on the 24CL21
at this time
3. Maximum 100 kHz DDC2B clock frequency
4. Maximum 25 kHz DDC1 VCLK clock frequency
5. During EEPROM programming a maximum write time
of 20 ms must be observed
6. 8-byte maximum during page write must be observed
7. During operation VDD must be between 4.5 and 5.5 V
8. An operating temperature between 0 and +70
°C must
be observed
9. Output valid from VCLK (tVAA) typical 1 µs must be
observed
10. DDC1 mode power-up time (tVPU) typical 5 µs should
be observed.
Remark: VCLK is ‘don’t care’ in the DDC2B mode.
Fig.14 PCB2421 diode protection.
handbook, halfpage
MBG284
SCL
SDA
WP
n.c.
VDD
VSS
VCLK
TEST
1
2
3
4
8
7
6
5
substrate
PCB2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com