Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB2421 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCB2421
Description  1K dual mode serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB2421 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCB2421 Datasheet HTML 6Page - NXP Semiconductors PCB2421 Datasheet HTML 7Page - NXP Semiconductors PCB2421 Datasheet HTML 8Page - NXP Semiconductors PCB2421 Datasheet HTML 9Page - NXP Semiconductors PCB2421 Datasheet HTML 10Page - NXP Semiconductors PCB2421 Datasheet HTML 11Page - NXP Semiconductors PCB2421 Datasheet HTML 12Page - NXP Semiconductors PCB2421 Datasheet HTML 13Page - NXP Semiconductors PCB2421 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1997 Apr 01
10
Philips Semiconductors
Preliminary specification
1K dual mode serial EEPROM
PCB2421
Fig.7 Slave address.
handbook, halfpage
MBG279
101
00
0
0
R/W
Fig.8 I2C-bus write protocol (n = maximum 8 bytes).
handbook, full pagewidth
S
0A X
SLAVE ADDRESS
WORD ADDRESS
A
A
DATA
P
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
WRITING
R/W don't
care
auto increment
memory word address
MBG280
n bytes
t WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com