Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB2421 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCB2421
Description  1K dual mode serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB2421 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCB2421 Datasheet HTML 10Page - NXP Semiconductors PCB2421 Datasheet HTML 11Page - NXP Semiconductors PCB2421 Datasheet HTML 12Page - NXP Semiconductors PCB2421 Datasheet HTML 13Page - NXP Semiconductors PCB2421 Datasheet HTML 14Page - NXP Semiconductors PCB2421 Datasheet HTML 15Page - NXP Semiconductors PCB2421 Datasheet HTML 16Page - NXP Semiconductors PCB2421 Datasheet HTML 17Page - NXP Semiconductors PCB2421 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1997 Apr 01
14
Philips Semiconductors
Preliminary specification
1K dual mode serial EEPROM
PCB2421
10 AC CHARACTERISTICS
VDD = 4.5 to 5.5 V; VSS =0V; Tamb =0to+70 °C; unless otherwise specified.
Notes
1. The rise time for SDA returning HIGH must be observed after this period.
2. This is the time that the bus must be free before a new transmission can start.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DDC1 mode (transmit-only; unidirectional)
tVAA
output valid from VCLK
see Fig.12; note 1
−
1
−µs
tVHIGH
VCLK HIGH time
see Fig.12
20
−−µs
tVLOW
VCLK LOW time
see Fig.12
20
−−µs
tVHZ
mode transition time
see Fig.3; note 1
−
500
−
ns
tSP
input filter spike suppression time
−−
100
ns
tvpu
DDC1 mode power-up time
see Fig.4
−
5
−µs
DDC2B mode (bidirectional; I2C-bus mode); see Fig.13
fSCL
serial clock frequency
0
−
100
kHz
tHIGH
serial clock HIGH time
4
−−µs
tLOW
serial clock LOW time
4.7
−−µs
tr
SCL and SDA rise time
−−
1
µs
tf
SCL and SDA fall time
−−
0.3
µs
tHD;STA
START condition hold time
4
−−µs
tSU;STA
START condition set-up time
4.7
−−µs
tHD;DAT
data input hold time
0
−−µs
tSU;DAT
data input set-up time
250
−−
ns
tSU;STO
STOP condition set-up time
4
−−µs
tBUF
bus free time
note 2
4.7
−−µs
tSP
input filter spike suppression
−−
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com