Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 344 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 344 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 340Page - STMicroelectronics LQFP64 Datasheet HTML 341Page - STMicroelectronics LQFP64 Datasheet HTML 342Page - STMicroelectronics LQFP64 Datasheet HTML 343Page - STMicroelectronics LQFP64 Datasheet HTML 344Page - STMicroelectronics LQFP64 Datasheet HTML 345Page - STMicroelectronics LQFP64 Datasheet HTML 346Page - STMicroelectronics LQFP64 Datasheet HTML 347Page - STMicroelectronics LQFP64 Datasheet HTML 348Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 429 page
background image
344/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
CAN MASTER STATUS REGISTER (CMSR)
Reset Value: 0000 0010 (02h)
Note: To clear a bit of this register the software
must write this bit with a one.
Bit 7:4 = Reserved. Forced to 0 by hardware.
Bit 5 = REC Receive
- Read
The CAN hardware is currently receiver.
Bit 4 = TRAN Transmit
- Read
The CAN hardware is currently transmitter.
Bit 3 = WKUI Wake-Up Interrupt
- Read/Clear
This bit is set by hardware to signal that a SOF bit
has been detected while the CAN hardware was in
sleep mode. Setting this bit generates a status
change interrupt if the WKUIE bit in the CIER reg-
ister is set.
This bit is cleared by software.
Bit 2 = ERRI Error Interrupt
- Read/Clear
This bit is set by hardware when a bit of the CESR
has been set on error detection and the corre-
sponding interrupt in the CEIER is enabled. Set-
ting this bit generates a status change interrupt if
the ERRIE bit in the CIER register is set.
This bit is cleared by software.
Bit 1 = SLAK Sleep Acknowledge
- Read
This bit is set by hardware and indicates to the
software that the CAN hardware is now in sleep
mode. This bit acknowledges the sleep mode re-
quest from the software (set SLEEP bit in CMCR
register).
This bit is cleared by hardware when the CAN
hardware has left sleep mode. Sleep mode is left
when the SLEEP bit in the CMCR register is
cleared. Please refer to the AWUM bit of the
CMCR register description for detailed information
for clearing SLEEP bit.
Bit 0 = INAK Initialization Acknowledge
- Read
This bit is set by hardware and indicates to the
software that the CAN hardware is now in initiali-
zation mode. This bit acknowledges the initializa-
tion request from the software (set INRQ bit in
CMCR register).
This bit is cleared by hardware when the CAN
hardware has left the initialization mode and is
now synchronized on the CAN bus. To be syn-
chronized the hardware has to monitor a se-
quence of 11 consecutive recessive bits on the
CAN RX signal.
CAN TRANSMIT STATUS REGISTER (CTSR)
Read / Write
Reset Value: 0000 0000 (00h)
Note: To clear a bit of this register the software
must write this bit with a one.
Bit 7 = Reserved. Forced to 0 by hardware.
Bit 6 = TXOK2 Transmission OK for mailbox 2
- Read
This bit is set by hardware when the transmission
request on mailbox 2 has been completed suc-
cessfully. Please refer to Figure 147.
This bit is cleared by hardware when mailbox 2 is
requested for transmission or when the software
clears the RQCP2 bit.
Bit 5 = TXOK1 Transmission OK for mailbox 1
- Read
This bit is set by hardware when the transmission
request on mailbox 1 has been completed suc-
cessfully. Please refer to Figure 147.
This bit is cleared by hardware when mailbox 1 is
requested for transmission or when the software
clears the RQCP1 bit.
70
0
0
REC
TRAN
WKUI
ERRI
SLAK
INAK
70
0
TXOK2 TXOK1 TXOK0
0
RQCP2 RQCP1 RQCP0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com