Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 345 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 345 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 341Page - STMicroelectronics LQFP64 Datasheet HTML 342Page - STMicroelectronics LQFP64 Datasheet HTML 343Page - STMicroelectronics LQFP64 Datasheet HTML 344Page - STMicroelectronics LQFP64 Datasheet HTML 345Page - STMicroelectronics LQFP64 Datasheet HTML 346Page - STMicroelectronics LQFP64 Datasheet HTML 347Page - STMicroelectronics LQFP64 Datasheet HTML 348Page - STMicroelectronics LQFP64 Datasheet HTML 349Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 429 page
background image
345/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
Bit 4 = TXOK0 Transmission OK for mailbox 0
- Read
This bit is set by hardware when the transmission
request on mailbox 0 has been completed suc-
cessfully. Please refer to Figure 147.
This bit is cleared by hardware when mailbox 0 is
requested for transmission or when the software
clears the RQCP0 bit.
Bit 3 = Reserved. Forced to 0 by hardware.
Bit 2 = RQCP2 Request Completed for Mailbox 2
- Read/Clear
This bit is set by hardware to signal that the last re-
quest for mailbox 2 has been completed. The re-
quest could be a transmit or an abort request.
This bit is cleared by software.
Bit 1 = RQCP1 Request Completed for Mailbox 1
- Read/Clear
This bit is set by hardware to signal that the last re-
quest for mailbox 1 has been completed. The re-
quest could be a transmit or an abort request.
This bit is cleared by software.
Bit 0 = RQCP0 Request Completed for Mailbox 0
- Read/Clear
This bit is set by hardware to signal that the last re-
quest for mailbox 0 has been completed. The re-
quest could be a transmit or an abort request.
This bit is cleared by software.
CAN TRANSMIT PRIORITY REGISTER (CTPR)
All bits of this register are read only.
Reset Value: 0000 0000 (00h)
Bit 7 = LOW2 Lowest Priority Flag for Mailbox 2
- Read
This bit is set by hardware when more than one
mailbox are pending for transmission and mailbox
2 has the lowest priority.
Bit 6 = LOW1 Lowest Priority Flag for Mailbox 1
- Read
This bit is set by hardware when more than one
mailbox are pending for transmission and mailbox
1 has the lowest priority.
Bit 5 = LOW0 Lowest Priority Flag for Mailbox 0
- Read
This bit is set by hardware when more than one
mailbox are pending for transmission and mailbox
0 has the lowest priority.
Note: These bits are set to zero when only one
mailbox is pending.
Bit 4 = TME2 Transmit Mailbox 2 Empty
- Read
This bit is set by hardware when no transmit re-
quest is pending for mailbox 2.
Bit 3 = TME1 Transmit Mailbox 1 Empty
- Read
This bit is set by hardware when no transmit re-
quest is pending for mailbox 1.
Bit 2 = TME0 Transmit Mailbox 0 Empty
- Read
This bit is set by hardware when no transmit re-
quest is pending for mailbox 0.
Bit 1:0 = CODE[1:0] Mailbox Code
- Read
In case at least one transmit mailbox is free, the
code value is equal to the number of the next
transmit mailbox free.
In case all transmit mailboxes are pending, the
code value is equal to the number of the transmit
mailbox with the lowest priority.
70
LOW2
LOW1
LOW0
TME2
TME1
TME0
CODE1
CODE0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com