Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 354 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 354 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 350Page - STMicroelectronics LQFP64 Datasheet HTML 351Page - STMicroelectronics LQFP64 Datasheet HTML 352Page - STMicroelectronics LQFP64 Datasheet HTML 353Page - STMicroelectronics LQFP64 Datasheet HTML 354Page - STMicroelectronics LQFP64 Datasheet HTML 355Page - STMicroelectronics LQFP64 Datasheet HTML 356Page - STMicroelectronics LQFP64 Datasheet HTML 357Page - STMicroelectronics LQFP64 Datasheet HTML 358Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 429 page
background image
354/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
CAN FILTER CONFIGURATION REG.2 (CFCR2)
All bits of this register are set and cleared by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Note: To modify FFAx and FSCx bits bxCAN must
be in INIT mode.
Bit 7 = FFA5 Filter FIFO Assignment for Filter 5
The message passing through this filter will be
stored in the specified FIFO.
0: Filter assigned to FIFO 0
1: Filter assigned to FIFO 1
Bit 6:5 = FSC5[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
5.
Bit 4 = FACT5 Filter Active
The software sets this bit to activate Filter 5. To
modify the filter 5 registers (CF5R[7:0]), the
FACT5 bit must be cleared.
0: Filter 5 is not active
1: Filter 5 is active
Bit 3 = FFA4 Filter FIFO Assignment for Filter 4
The message passing through this filter will be
stored in the specified FIFO.
0: Filter assigned to FIFO 0
1: Filter assigned to FIFO 1
Bit 2:1 = FSC4[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
4.
Bit 0 = FACT4 Filter Active
The software sets this bit to activate filter 4. To
modify the Filter 4 registers (CF4R[7:0]), the
FACT4 bit must be cleared).
0: Filter 4 is not active
1: Filter 4 is active
CAN FILTER CONFIGURATION REG.3 (CFCR3)
All bits of this register are set and cleared by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = FFA7 Filter FIFO Assignment for Filter 7
The message passing through this filter will be
stored in the specified FIFO.
0: Filter assigned to FIFO 0
1: Filter assigned to FIFO 1
Bit 6:5 = FSC7[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
7.
Bit 4 = FACT7 Filter Active
The software sets this bit to activate Filter 7. To
modify the Filter 7 registers (CF7R[7:0]), the
FACT7 bit must be cleared.
0: Filter 7 is not active.
1: Filter 7 is active.
Bit 3 = FFA6 Filter FIFO Assignment for Filter 6
This bit allows the software to define whether the
message passing through this filter will be as-
signed to the receive FIFO0 or FIFO1.
0: Filter assigned to FIFO 0
1: Filter assigned to FIFO 1
Bit 2:1 = FSC6[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
6.
Bit 0 = FACT6 Filter Active
The software sets this bit to activate Filter 6. To
modify the Filter 6 registers (CF6R[7:0]), the
FACT6 bit must be cleared.
0: Filter 6 is not active
1: Filter 6 is active
70
FFA5 FSC51 FSC50 FACT5 FFA4 FSC41 FSC40 FACT4
70
FFA7 FSC71 FSC70 FACT7 FFA6 FSC61 FSC60 FACT6
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com