Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 355 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 355 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 351Page - STMicroelectronics LQFP64 Datasheet HTML 352Page - STMicroelectronics LQFP64 Datasheet HTML 353Page - STMicroelectronics LQFP64 Datasheet HTML 354Page - STMicroelectronics LQFP64 Datasheet HTML 355Page - STMicroelectronics LQFP64 Datasheet HTML 356Page - STMicroelectronics LQFP64 Datasheet HTML 357Page - STMicroelectronics LQFP64 Datasheet HTML 358Page - STMicroelectronics LQFP64 Datasheet HTML 359Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 429 page
background image
355/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
CAN FILTER MODE REG.1 (CFMR1)
All bits of this register are set and cleared by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Note: Please refer to Figure 149.Filter Bank Scale
Configuration - Register Organisation
Bit 7 = FMH7 Filter Mode High
Mode of the high registers of Filter 7.
0: High registers are in mask mode.
1: High registers are in identifier list mode.
Bit 6 = FML7 Filter Mode Low
Mode of the low registers of Filter 7.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
Bit 5 = FMH6 Filter Mode High
Mode of the high registers of Filter 6.
0: High registers are in mask mode
1: High registers are in identifier list mode
Bit 4 = FML6 Filter Mode Low
Mode of the low registers of Filter 6.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
Bit 3 = FMH5 Filter Mode High
Mode of the high registers of filter 5.
0: High registers are in mask mode
1: High registers are in identifier list mode
Bit 2 = FML5 Filter Mode Low
Mode of the low registers of Filter 5.
0: Low registers are in mask mode
1: Low registers are in identifier list mode.
Bit 1 = FMH4 Filter Mode High
Mode of the high registers of filter 4.
0: High registers are in mask mode.
1: High registers are in identifier list mode.
Bit 0 = FML4 Filter Mode Low
Mode of the low registers of filter 4.
0: Low registers are in mask mode.
1: Low registers are in identifier list mode.
CAN FILTER MODE REG.0 (CFMR0)
All bits of this register are set and cleared by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = FMH3 Filter Mode High
Mode of the high registers of Filter 3.
0: High registers are in mask mode
1: High registers are in identifier list mode
Bit 6 = FML3 Filter Mode Low
Mode of the low registers of Filter 3.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
Bit 5 = FMH2 Filter Mode High
Mode of the high registers of Filter 2.
0: High registers are in mask mode
1: High registers are in identifier list mode
Bit 4 = FML2 Filter Mode Low
Mode of the low registers of Filter 2.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
Bit 3 = FMH1 Filter Mode High
Mode of the high registers of Filter 1.
0: High registers are in mask mode
1: High registers are in identifier list mode
70
FMH7
FML7
FMH6
FML6
FMH5
FML5
FMH4
FML4
70
FMH3
FML3
FMH2
FML2
FMH1
FML1
FMH0
FML0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com