Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 374 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 374 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 370Page - STMicroelectronics LQFP64 Datasheet HTML 371Page - STMicroelectronics LQFP64 Datasheet HTML 372Page - STMicroelectronics LQFP64 Datasheet HTML 373Page - STMicroelectronics LQFP64 Datasheet HTML 374Page - STMicroelectronics LQFP64 Datasheet HTML 375Page - STMicroelectronics LQFP64 Datasheet HTML 376Page - STMicroelectronics LQFP64 Datasheet HTML 377Page - STMicroelectronics LQFP64 Datasheet HTML 378Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 429 page
background image
374/429
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
REGISTER DESCRIPTION (Cont’d)
Bit 5 = ECI: End of Conversion Interrupt Enable.
This bit masks the End of Conversion interrupt re-
quest.
0: Mask End of Conversion interrupts
1: Enable End of Conversion interrupts
Bit 4 = AWDI: Analog Watchdog Interrupt Enable.
This bit masks or enables the Analog Watchdog
interrupt request.
0: Mask Analog Watchdog interrupts
1: Enable Analog Watchdog interrupts
Bit 3 = Reserved.
Bits 2:0 = PL[2:0]: ADC Interrupt Priority Level.
These three bits are used to select the Interrupt
priority level for the ADC.
INTERRUPT VECTOR REGISTER (AD_IVR)
R255 - Read/Write
Register Page: 63
Reset Value: xxxx xx10 (x2h)
Bits 7:2 = V[7:2]: ADC Interrupt Vector.
This vector should be programmed by the user to
point to the first memory location in the Interrupt
Vector table containing the starting addresses of
the ADC interrupt service routines.
Bit 1 = W1: Word Select.
This bit is set and cleared by hardware, according
to the ADC interrupt source.
0: Interrupt source is the Analog Watchdog, point-
ing to the lower word of the ADC interrupt serv-
ice block (defined by V[7:2]).
1:Interrupt source is the End of Conversion inter-
rupt, thus pointing to the upper word.
Note: When two requests occur simultaneously,
the Analog Watchdog Request has priority over
the End of Conversion request, which is held
pending.
Bit 0 = Reserved, forced by hardware to 0.
70
V7
V6
V5
V4
V3
V2
W1
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com