Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 378 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 378 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 374Page - STMicroelectronics LQFP64 Datasheet HTML 375Page - STMicroelectronics LQFP64 Datasheet HTML 376Page - STMicroelectronics LQFP64 Datasheet HTML 377Page - STMicroelectronics LQFP64 Datasheet HTML 378Page - STMicroelectronics LQFP64 Datasheet HTML 379Page - STMicroelectronics LQFP64 Datasheet HTML 380Page - STMicroelectronics LQFP64 Datasheet HTML 381Page - STMicroelectronics LQFP64 Datasheet HTML 382Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 429 page
background image
378/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
Note:
(1) Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported for design guide lines not tested in
production.
(2) Value guaranteed by characterisation.
(3) For a description of the EMR1 Register - BSZ bit refer to the External Memory Interface Chapter.
(4) Value guaranteed by Design.
(5) Not tested in production, guaranteed by product characterisation. An overload condition occurs when the input voltage on any pin ex-
ceeds the specified voltage range.
(6) Indicative values extracted from design simulation, 20% to 80% on 50pF load, EMR1.BSZ bit =0.
VOL
Output Low Level
P4[7:6]-P6[5:4]
Push Pull or
Open Drain mode,
IOL=8mA,
EMR1.BSZ bit = 1 (3)
0.4
V
Output Low Level
All pins except OSCOUT
Push Pull or
Open Drain mode,
IOL=2mA
0.4
V
IWPU
Weak Pull-up Current
P2[7:4]-P2[1:0]-P3[7:0]
P4[7:5]-P4[3:1]-P5.3-P6[7:6]-P6[3:0]-
P7[7:0]-P8[7:0]-P9[7:0]
Bidirectional
Weak Pull-up mode
VIN = 0V
50
100
300
µA
Weak Pull-up Current
P6[5:4]-AS-DS-RW
Bidirectional
Weak Pull-up mode
VIN = 0V
100
220
450
µA
ILKIO
I/O Pin Input Leakage
Input or Tri-State mode,
0V < VIN < VDD
– 1
1
µA
ILKIOD
I/O Pin Open Drain Input Leakage
Input or Tri-State mode,
0V < VIN < VDD
– 1
1
µA
|ILKADC|
ADC Conv.Input leakage current on ro-
bust pins
VIN<VSS, | IIN |< 400µA
on robust analog pin
6
µA
ADC Conv.Input leakage current
VSS≤VIN≤VDD
1
µA
IIO
Load current
P4[7:6]-P6[5:4]
EMR1.BSZ bit = 1 (3)
8(4)
mA
P4[7:6]-P6[5:4]
EMR1.BSZ bit = 0 (3)
2 (4)
All other pins except
OSCOUT
2 (4)
⎥I
OV⎥
Overload Current
(5)
5 (4)
mA
SRR
Slew Rate Rise
(6)
20
30
ns
SRF
Slew Rate Fall
(6)
20
30
ns
Symbol
Parameter
Comment
Value
Unit
Min
Typ
(1)
Max
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com