Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 427 Page - STMicroelectronics

Part # LQFP64
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 427 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 421Page - STMicroelectronics LQFP64 Datasheet HTML 422Page - STMicroelectronics LQFP64 Datasheet HTML 423Page - STMicroelectronics LQFP64 Datasheet HTML 424Page - STMicroelectronics LQFP64 Datasheet HTML 425Page - STMicroelectronics LQFP64 Datasheet HTML 426Page - STMicroelectronics LQFP64 Datasheet HTML 427Page - STMicroelectronics LQFP64 Datasheet HTML 428Page - STMicroelectronics LQFP64 Datasheet HTML 429Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 427 / 429 page
background image
427/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
Occurrence
The occurrence of the problem is random and pro-
portional to the baudrate. With a transmit fre-
que ncy of 192 00 b aud ( f CPU=8M Hz and
SCIBRR=0xC9), the wrong break duration occur-
rence is around 1%.
Analysis
The LIN protocol specifies a minimum of 13 bits for
the break duration, but there is no maximum value.
Nevertheless, the maximum length of the header
is specified as (14+10+10+1)x1.4=49 bits. This is
composed of:
- the synch break field (14 bits),
- the synch field (10 bits),
- the identifier field (10 bits).
Every LIN frame starts with a break character.
Adding an idle character increases the length of
each header by 10 bits. When the problem oc-
curs, the header length is increased by 11 bits and
becomes ((14+11)+10+10+1)=45 bits.
To conclude, the problem is not always critical for
LIN communication if the software keeps the time
between the sync field and the ID smaller than 4
bits, i.e. 208us at 19200 baud.
The workaround is the same as for SCI mode but
considering the low probability of occurrence (1%),
it may be better to keep the break generation se-
quence as it is.
13.8.10 LIN MASTER MODE NOT AVAILABLE
ON SCI-A
LIN Synch Breaks (13 low bits) generation is not
possible on SCI-A. LINE bit has no effect on break
length.
13.8.11 LIMITATIONS ON LQFP64 DEVICES
13.8.11.1
AIN[7:0]
NOT
AVAILABLE
ON
LQFP64 DEVICES
ADC Channels from AIN0 to AIN7 are not present
on LQFP64 devices.
13.8.11.2 EFT0 AND EFT1 NOT AVAILABLE ON
LQFP64 DEVICES
Extended Function Timers are not present on
LQFP64 devices.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com