Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Type 3321
6 | 26
Visit product website 
3.
Materials
3.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start chemical resistance check
3.2. Material specification
Note:
The Type 3321 globe control valve is supplied with various port connections (flange, thread, welded and clamp connections). These
connections are not shown. They are the same material as the valve body.
1
2
3
4
5
6
7
AG2
No.
Component
Material
1
Blind cover/Gateway
housing
PPS (Standard), Stainless
steel 1.4301 (for ATEX/IECEx)
2
Actuator cover
PPS
3
Seal
EPDM
4
Actuator housing
Aluminium powder coated
6
Seal
EPDM
7
Actuator base
PPS
AG3
No.
Component
Material
1
Blind cover/Gateway
housing
PPS (Standard),
Stainless steel 1.4301
(for ATEX/IECEx)
2
Actuator cover
PC
3
Seal
EPDM
4
Actuator housing
Aluminium powder coated
5
SAFEPOS energy pack
PC
6
Seal
EPDM
7
Actuator base
Stainless steel 1.4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com