Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Type 3321
7 | 26
Visit product website 
1
2
3
7
6
10
4
5
9
8
No.
Component
Material
1
Spindle
Stainless steel 1.4401 (316)/1.4404 (316L)
2
Spindle seal
PTFE V-seals (filled) with spring compensation
3
Spindle guidance
PEEK or Stainless steel 1.4404 (316L)
4
Packing gland tube
Stainless steel 1.4401 (316)
5
Seal valve body
Graphite or PTFE
6
Swivel plate
Stainless steel 1.4571
7
Valve seat seal
PTFE or PEEK seal washer
8
Valve seat
Stainless steel 1.4571
9
O-Ring valve seat
EPDM or PTFE
10
Valve body
Stainless steel CF3M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com