Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Type 3321
14 | 26
Visit product website 
4.4. Body with weld connection
Note:
Dimensions in mm, unless otherwise stated
LS
ES
Nominal diameter
(Pipe)
ES
LS
EN ISO 1127 1/ISO 4200/DIN 11866 B
DIN 11850 2/DIN 11866 A/DIN EN 10357 A
DN
ØDS
WS
ØDS
WS
10
20
90
17.2
1.6
13
1.5
15
20
90
21.3
1.6
19
1.5
20
20
100 26.9
1.6
23
1.5
25
26
130 33.7
2.0
29
1.5
32
26
140 42.4
2.0
35
1.5
40
26
150 48.3
2.0
41
1.5
50
26
175 60.3
2.0
53
1.5
65
26
210 76.1
2.3
70
2.0
80
26
230 88.9
2.3
85
2.0
100
26
260 114.3
2.6
104
2.0
Nominal diameter (Pipe) ES
LS
ASME BPE/DIN 11866 C
NPS
ØDS
WS
½
20
90
12.7
1.65
¾
20
90
19.05
1.65
1
20
100 25.4
1.65
1½
26
140 38.1
1.65
2
26
150 50.8
1.65
2½
26
175 63.5
1.65
3
26
210 76.2
1.65
4
26
260 101.6
2.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com