Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Type 3321
12 | 26
Visit product website 
4.2. Body with flange connection
Note:
Dimensions in mm, unless otherwise stated
LF
AF
Nominal diameter
(Pipe)
DIN EN 1092 PN 25
FTF 1 acc. to DIN EN 558 - 1
JIS 10K
FTF 10 acc. to DIN EN 558 - 2
DN
ØDF LF
ØBF AF
ØD
A x α
ØMF
ØDF
LF
ØBF
AF
ØD
A x α
ØMF
10
90
130
60
16
14
4 x 90°
13.6
–
–
–
–
–
–
-
15
95
130
65
16
14
4 x 90°
18.1
95
108
70
12
15
4 x 90°
18.1
20
105
150
75
18
14
4 x 90°
23.7
100
117
75
14
15
4 x 90°
23.7
25
115
160
85
18
14
4 x 90°
29.7
125
127
90
14
19
4 x 90°
29.7
32
140
180
100
18
18
4 x 90°
38.4
135
140
100
16
19
4 x 90°
38.4
40
150
200
110
18
18
4 x 90°
44.3
140
165
105
16
19
4 x 90°
44.3
50
165
230
125
20
18
4 x 90°
56.3
155
203
120
16
19
4 x 90°
56.3
65
185
290
145
22
18
8 x 45°
66.0
175
216
140
18
19
4 x 90°
71.5
80
200
310
160
24
18
8 x 45°
81.0
185
241
150
18
19
8 x 45°
84.3
100
235
350
190
24
22
8 x 45°
100.0 292
292
175
18
19
8 x 45°
109.1
Nominal diameter
(Pipe)
ANSI B 16.5 Class 150
FTF 37 acc. to DIN EN 558 - 2
NPS
ØDF
LF
ØBF
AF
ØD
A x α
ØMF
½
89
184
60.5
11.2
15.7
4 x 90°
15.7
¾
99
184
69.9
12.7
15.7
4 x 90°
20.8
1
108
184
79.2
14.2
15.7
4 x 90°
26.7
1½
127
222
98.6
17.5
15.7
4 x 90°
40.9
2
152
254
120.7
19.1
19.1
4 x 90°
52.6
2½
178
276
139.7
22.3
19.1
4 x 90°
62.7
3
190
298
152.5
23.9
19.1
4 x 90°
78.0
4
229
352
190.5
23.9
19.1
8 x 45°
102.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com