Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Type 3321
19 | 26
Visit product website 
Operating limits for seat seal
PTFE is used for max. medium temperature < 130 °C. If the maximum medium temperature temporarily or permanently exceeds
130 °C, then PEEK as a seal material is the appropriate solution.
Operating limits for optional versions
High temperature version
By adapting the spindle sealing this version is suitable for applications with steam, neutral gases and other heat transfer mediums up
to 230 °C.
Drinking water version
Materials in contact with the medium are tested for suitability with drinking water up to 85 °C.
Vacuum version
Without leakage bore, this design is suitable for pressures down to - 0.9 bar(g).
Low temperature version
Suitable for minimum medium temperatures down to - 40 °C
Version for oxygen
Non-metallic materials in contact with the medium are tested for suitability with oxygen. Suitable for operating pressures up to
20 bar(g) and medium temperatures up to 60 °C.
5.3. Electrical control and interfaces
Interface diagram
The position of the actuator is controlled
according to the digital input. The selection is
made either by an external standard signal or
via a fieldbus (digital).
Inputs and outputs:
• 1 digital input, 2 digital outputs
Interface:
• Cable gland with connection terminal (only
AG2)
• M12 circular plug-in connectors (optional)
Electro-
motor
valve
2 Digital outputs
24 V PNP
Operation
Note:
Optional outputs are
represented as a broken line.
Fieldbus
büS / CANopen
Digital input
24 V DC
Control data
Digital input
0…5 V = log “0", 10…30 V = log “1" inverted input reversed accordingly
Digital output (optional)
Current limitation 100 mA
Communication
Communication interface (büS)
Connection to PC via USB büS interface set (connection terminals, circular plug-in
connector or büS service interface)
Communication software (büS)
Bürkert Communicator, see Type 8920 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com