Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  3321 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Visit product website 
DATA SHEET
Type 3320
Electromotive 2/2-way
angle seat valve (ON/
OFF)
Type 3360
Electromotive 2-way
angle seat control valve
Type 3361
Electromotive 2-way
globe control valve
Standard | EU | en | 2023 - 09 - 05 | 15
Electromotive 2/2-way globe valve (ON/OFF)
• Safety position via energy storage
• Rapid flow shut off
• Weather and impact resistant design
• Hygienically designed surface
• Versatile diagnostic options
The innovative Bürkert process on/off valve Type 3321 is the solution when it
comes to shut-off tasks under demanding operating conditions. The electro-
motive actuator of the globe valve with ball screw moves the swivel plate to
the desired end position at a particularly high speed up to 6 mm/s. Thereby
it reacts almost instantaneously to process signals. If necessary, the safety
position can be approached by an optional energy storage in case of power
failure. The electromotive actuator and shut-off valve are adapted perfectly to
each other with closed design and robust surface. This ensures the hygienic
requirements of fast and residue-free cleaning. Harsh ambient conditions are
no problem for the electromotive globe valve type 3321 due to the protection
class IP65/IP67 and the high impact and vibration resistance. Thanks to the
tried-and-tested, self-adjusting packing gland with exchangeable V-seals,
the globe valve achieves maximum service life and tightness. The Type 3321
shut-off valve, which is suitable for fieldbuses, offers the operator many
helpful functions for process monitoring, valve diagnostics and preventive
maintenance and thus the decisive advantage of modern process automation.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 3321
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 3321

ManufacturerPart #DatasheetDescription
logo
Heyco.
3321 HEYCO-3321 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Christian Bürkert GmbH ...
3321 BURKERT-3321 Datasheet
2Mb / 22P
Electromotive 2/2-way angle seat valve (ON/OFF)
05.09.2023
3321 BURKERT-3321 Datasheet
2Mb / 26P
Electromotive 2-way angle seat control valve
05.09.2023
3321 BURKERT-3321 Datasheet
2Mb / 29P
Electromotive 2-way globe control valve
05.09.2023
logo
Adafruit Industries
3321 ADAFRUIT-3321 Datasheet
211Kb / 2P
Adafruit Mini Color TFT with Joystick FeatherWing
More results

Similar Description - 3321

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
ZS-GV-001 BELIMO-ZS-GV-001 Datasheet
160Kb / 1P
Globe Valve Weathershield
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
On off valve
4/1/22
197131 FESTO-197131 Datasheet
85Kb / 1P
On off valve
4/1/22
197134 FESTO-197134 Datasheet
86Kb / 1P
On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
On off valve
4/13/22
153987 FESTO-153987 Datasheet
101Kb / 1P
On off valve
4/13/22
153991 FESTO-153991 Datasheet
98Kb / 1P
On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
On off valve
4/13/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com